Electronic Components Datasheet Search
  English  ▼

X  

TPS22925BYPHT Datasheet(PDF) 4 Page - Texas Instruments

Part # TPS22925BYPHT
Description  TPS22925 3.6-V, 3-A, 9-mΩ On-Resistance Load Switch
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS22925BYPHT Datasheet(HTML) 4 Page - Texas Instruments

  TPS22925BYPHT Datasheet HTML 1Page - Texas Instruments TPS22925BYPHT Datasheet HTML 2Page - Texas Instruments TPS22925BYPHT Datasheet HTML 3Page - Texas Instruments TPS22925BYPHT Datasheet HTML 4Page - Texas Instruments TPS22925BYPHT Datasheet HTML 5Page - Texas Instruments TPS22925BYPHT Datasheet HTML 6Page - Texas Instruments TPS22925BYPHT Datasheet HTML 7Page - Texas Instruments TPS22925BYPHT Datasheet HTML 8Page - Texas Instruments TPS22925BYPHT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
4
TPS22925
SLVS840D – NOVEMBER 2015 – REVISED AUGUST 2016
www.ti.com
Product Folder Links: TPS22925
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute–maximum–rated conditions for extended periods may affect device reliability.
7 Specifications
7.1 Absolute Maximum Ratings
over operating free–air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
VIN, ON
Input voltage
–0.3
4
V
VOUT
Output voltage
–0.3
4
V
IMAX
Maximum continuous switch current at TA = 60°C
3
A
IPLS
Maximum pulsed switch current, 100–μs pulse, 2% duty cycle
4
A
TJ
Junction temperature
125
°C
Tstg
Storage temperature
–65
150
°C
(1)
JEDEC document JEP155 states that 500–V HBM allows safe manufacturing with a standard ESD control process. Manufacturing with
less than 500–V HBM is possible with the necessary precautions.
(2)
JEDEC document JEP157 states that 250–V CDM allows safe manufacturing with a standard ESD control process. Manufacturing with
less than 250–V CDM is possible with the necessary precautions.
7.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human–body model (HBM), per ANSI/ESDA/JEDEC JS–001(1)
±2000
V
Charged–device model (CDM), per JEDEC specification JESD22–C101(2)
±1000
7.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VIN
Input voltage
0.65
3.6
V
VOUT
Output voltage
0
3.6
V
VIH
High–level input voltage, ON
0.9
3.6
V
VIL
Low–level input voltage, ON
0
0.45
V
CIN
Input capacitance
1
µF
TA
Operating free–air temperature
–40
105
°C
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
7.4 Thermal Information
THERMAL METRIC(1)
TPS22925xx
UNIT
YPH (DSBGA)
6 PINS
RθJA
Junction–to–ambient thermal resistance
110.9
°C/W
RθJC(top)
Junction–to–case (top) thermal resistance
1.2
°C/W
RθJB
Junction–to–board thermal resistance
30.4
°C/W
ψJT
Junction–to–top characterization parameter
0.8
°C/W
ψJB
Junction–to–board characterization parameter
30.4
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com