Electronic Components Datasheet Search
  English  ▼

X  

TPS22925BYPHT Datasheet(PDF) 13 Page - Texas Instruments

Part # TPS22925BYPHT
Description  TPS22925 3.6-V, 3-A, 9-mΩ On-Resistance Load Switch
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS22925BYPHT Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS22925BYPHT Datasheet HTML 9Page - Texas Instruments TPS22925BYPHT Datasheet HTML 10Page - Texas Instruments TPS22925BYPHT Datasheet HTML 11Page - Texas Instruments TPS22925BYPHT Datasheet HTML 12Page - Texas Instruments TPS22925BYPHT Datasheet HTML 13Page - Texas Instruments TPS22925BYPHT Datasheet HTML 14Page - Texas Instruments TPS22925BYPHT Datasheet HTML 15Page - Texas Instruments TPS22925BYPHT Datasheet HTML 16Page - Texas Instruments TPS22925BYPHT Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
VIN
VOUT
GND
Reverse
Current
Blocking
Charge
Pump
Control
Logic
Driver
ON
QOD
TPS22925B
TPS22925C only
13
TPS22925
www.ti.com
SLVS840D – NOVEMBER 2015 – REVISED AUGUST 2016
Product Folder Links: TPS22925
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
8 Detailed Description
8.1 Overview
The TPS22925 is a single channel, 3-A load switch in a WCSP-6 package. This device implements an N-channel
MOSFET with a controlled rise time for applications that need to limit inrush current. The device is also designed
to have low leakage current during off state. This prevents downstream circuits from pulling high standby current
from the supply. The TPS22925 provides reverse current blocking when the power switch is disabled. Integrated
control logic, driver, and output discharge FET eliminates the need for additional external components, which
reduces solution size and bill of material (BOM) count.
8.2 Functional Block Diagram
8.3 Feature Description
8.3.1 ON and OFF Control
The ON pin controls the state of the switch. Asserting the ON pin high enables the switch. The ON pin is
compatible with GPIOs of 1.5 V and above.
8.3.2 Quick Output Discharge (QOD) (TPS22925B and TPS22925C Only)
When the switch is disabled, a discharge path is enabled between the output and ground with a typical
resistance of 150 Ω. The resistance pulls down the output and prevents it from floating when the device is
disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com