Electronic Components Datasheet Search
  English  ▼

X  

TPS40021MPWPREP Datasheet(PDF) 21 Page - Texas Instruments

Part # TPS40021MPWPREP
Description  ENHANCED, LOW-INPUT VOLTAGE-MODE SYNCHRONOUS BUCK CONTROLLER
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS40021MPWPREP Datasheet(HTML) 21 Page - Texas Instruments

Back Button TPS40021MPWPREP Datasheet HTML 17Page - Texas Instruments TPS40021MPWPREP Datasheet HTML 18Page - Texas Instruments TPS40021MPWPREP Datasheet HTML 19Page - Texas Instruments TPS40021MPWPREP Datasheet HTML 20Page - Texas Instruments TPS40021MPWPREP Datasheet HTML 21Page - Texas Instruments TPS40021MPWPREP Datasheet HTML 22Page - Texas Instruments TPS40021MPWPREP Datasheet HTML 23Page - Texas Instruments TPS40021MPWPREP Datasheet HTML 24Page - Texas Instruments TPS40021MPWPREP Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 38 page
background image
G002
0.70
0.75
0.80
0.85
0.90
0.95
0
5
10
15
20
Load Current (A)
V
= 2.5 V
IN
V
= 4.0 V
IN
V
= 5.0 V
IN
V
= 3.3 V
IN
V
FB
¾
R1
=
V
OUT
¾
R
R
1 +
2
¾
¾
®
®
0.69
V
R1
=
1.5
V
R
k
1 + 10 W
R
k
1 = 8.52 W
R3 =
W)
¾
K R
I
·
·
DS(on)
OUT(CL)
I
LIM
= ¾
1.5
0.004
28
·
·
A
I
LIM
= 1.4 (
k
I
=
LIM
(19 ·
V
FB
¾
R4
) = (19 · ¾
0.69 V
118 kW
) = 111.1 (µ )
A
TPS40021-EP
www.ti.com
SLUSB58 – SEPTEMBER 2012
(13)
(14)
where
RDS(on) is the on-resistor of Q1 (4 mΩ)
Temperature coefficient, K=1.5
VFB = 0.69 V
R4 = 118 k
Ω
Voltage Sense Regulator
R1 and R2 operate as the output voltage divider. The error amplifier reference voltage (VFB) is 0.69 V. The
relationship between the output voltage and divider is described in Equation 15. Using a 10-k
Ω resistor for R2
and 1.5-V output regulation, R1 is calculated as 8.52 k
Ω, 8.66 kΩ is selected for R1.
(15)
Transient Comparator
The output voltage transient comparators provide a quick response, first strike, approach to output voltage
transients. The output voltage is sensed through a resistor divider at the OSNS pin, using R5 and R6 shown in
Figure 9. If an overvoltage condition is detected, the HDRV gate drive is shut off and the LDRV gate drive is
turned on until the output is returned to regulation. Similarly, if an output undervoltage condition is sensed, the
HDRV gate drive goes to 95% duty cycle to pump the output back up quickly. The voltage divider should be
exactly the same as resistors R1 and R2 discussed previously. Resistor R5 = 8.66 k
Ω and R6 = 10 kΩ in this
evaluation module.
Efficiency Curves
The tested efficiency at different loads and input voltages are shown in Figure 11. The maximum efficiency is as
high as 93% at 1.5-V output. The efficiency is around 88% when the load current (ILOAD) is 20 A.
EFFICIENCY
vs
OUTPUT LOAD CURRENT
Figure 11.
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: TPS40021-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com