Electronic Components Datasheet Search
  English  ▼

X  

TPS40021MPWPREP Datasheet(PDF) 13 Page - Texas Instruments

Part # TPS40021MPWPREP
Description  ENHANCED, LOW-INPUT VOLTAGE-MODE SYNCHRONOUS BUCK CONTROLLER
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS40021MPWPREP Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS40021MPWPREP Datasheet HTML 9Page - Texas Instruments TPS40021MPWPREP Datasheet HTML 10Page - Texas Instruments TPS40021MPWPREP Datasheet HTML 11Page - Texas Instruments TPS40021MPWPREP Datasheet HTML 12Page - Texas Instruments TPS40021MPWPREP Datasheet HTML 13Page - Texas Instruments TPS40021MPWPREP Datasheet HTML 14Page - Texas Instruments TPS40021MPWPREP Datasheet HTML 15Page - Texas Instruments TPS40021MPWPREP Datasheet HTML 16Page - Texas Instruments TPS40021MPWPREP Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 38 page
background image
I
=
LIM
19 · ¾
0.69 V
R
T
VCSS
VOUT
ILOAD
t
1.3 V
FAULT
VDD
0.6 V
cycles
t0
t1
t2 t3
t10
0
6
5
4
3
2
1
0
t4
t5
t6
t7
t8
t9
1
2
3
4
5
6
7
0.6 V
Counter
TPS40021-EP
www.ti.com
SLUSB58 – SEPTEMBER 2012
Figure 4. Overcurrent/Fault Waveforms
When the soft-start capacitor is fully discharged, it begins charging again at the same rate that it does on startup,
with a nominal 3-
μA current source. As the capacitor voltage reaches full charge, it is discharged again and the
counter is decremented by one count. These transitions occur at t3 through t9. At t9, the counter has been
decremented to zero. Now the fault logic is cleared, the outputs are enabled and the converter attempts to restart
with a full soft-start cycle. The converter comes into regulation at t10.
The internal SS signal is a diode drop below VCSS. When VCSS reaches one diode drop above ground, (≅ 0.6 V)
the output (VOUT) begins it’s soft-start ramp.
Setting the Short Circuit Current Limit Threshold
Connecting a resistor from VDD to ILIM sets the current limit. A current sink in the chip causes a voltage drop
across the resistor connected to ILIM. This voltage drop is the short circuit current threshold for the part. The
current that the ILIM pin sinks is dependent on the value of the resistor connected to RT and is given by:
(1)
The tolerance of the current sink is too loose to do an accurate current limit. The main purpose is for hard fault
protection of the power switches. Given the tolerance of the ILIM sink current, and the RDS(on) range for a
MOSFET, it is generally possible to apply a load that thermally damages the converter. This device is intended
for embedded converters where load characteristics are defined and can be controlled. A small capacitor can be
added between ILIM and VDD for filtering. However, capacitors should not be used if the synchronization
function is to be used.
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: TPS40021-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com