Electronic Components Datasheet Search
  English  ▼

X  

TPS40056PWPR Datasheet(PDF) 22 Page - Texas Instruments

Part # TPS40056PWPR
Description  WIDE-INPUT SYNCHRONOUS, TRACKING BUCK CONTROLLER
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS40056PWPR Datasheet(HTML) 22 Page - Texas Instruments

Back Button TPS40056PWPR Datasheet HTML 18Page - Texas Instruments TPS40056PWPR Datasheet HTML 19Page - Texas Instruments TPS40056PWPR Datasheet HTML 20Page - Texas Instruments TPS40056PWPR Datasheet HTML 21Page - Texas Instruments TPS40056PWPR Datasheet HTML 22Page - Texas Instruments TPS40056PWPR Datasheet HTML 23Page - Texas Instruments TPS40056PWPR Datasheet HTML 24Page - Texas Instruments TPS40056PWPR Datasheet HTML 25Page - Texas Instruments TPS40056PWPR Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 34 page
background image
TPS40056
SLVS612 − APRIL 2006
22
www.ti.com
DESIGN EXAMPLE
4. Calculate the power losses
Power losses in the high-side MOSFET (Si7860DP) at 14.4-VIN where switching losses dominate can be
calculated from equation (27).
I
RMS + IO
d
+ 8
0.086
+ 2.35 A
substituting (27) into (26) yields
P
COND + 2.35
2
0.008
(1
) 0.007
(150
* 25)) + 0.083 W
and from equation (28), the switching losses can be determined.
P
SW(fsw) + VIN
I
O
t
SW
f
SW + 14.4 V
8A
20 ns
170 kHz
+ 0.39 W
The MOSFET junction temperature can be found by substituting equation (30) into equation (29)
T
J + PCOND ) PSW
q
JA ) TA +
(0.083
) 0.39)
40
) 85 + 90OC
5. Calculate synchronous rectifier losses
The synchronous rectifier MOSFET has two loss components, conduction, and diode reverse recovery losses.
The conduction losses are due to IRMS losses as well as body diode conduction losses during the dead time
associated with the anti-cross conduction delay.
The IRMS current through the synchronous rectifier from (31)
I
RMS + IO
1
* d + 8
1
* 0.126 + 7.48 A
RMS
The synchronous MOSFET conduction loss from (26) is:
P
COND + 7.48
2
0.008
(1
) 0.007(150 * 25)) + 0.83 W
The body diode conduction loss from (32) is:
P
DC + 2
I
O
V
FD
t
DELAY
f
SW + 2
8.0 A
0.8 V
100 ns
170 kHz
+ 0.218 W
The body diode reverse recovery loss from (33) is:
P
RR + 0.5
Q
RR
V
IN
f
SW + 0.5
30 nC
14.4 V
170 kHz
+ 0.037 W
The total power dissipated in the synchronous rectifier MOSFET from (34) is:
P
SR + PRR ) PCOND ) PDC + 0.037 ) 0.83 ) 0.218 + 1.085 W
The junction temperature of the synchronous rectifier at 85
°C is:
T
J + PSR
q
JA ) TA +
(1.085)
40
) 85 + 128oC
In typical applications, paralleling the synchronous rectifier MOSFET with a Schottky rectifier increases the
overall converter efficiency by approximately 2% due to the lower power dissipation during the body diode
conduction and reverse recovery periods.
(44)
(45)
(46)
(47)
(48)
(49)
(50)
(51)
(52)
(53)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com