Electronic Components Datasheet Search
  English  ▼

X  

TPS40060PWPR Datasheet(PDF) 22 Page - Texas Instruments

Part # TPS40060PWPR
Description  WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS40060PWPR Datasheet(HTML) 22 Page - Texas Instruments

Back Button TPS40060PWPR Datasheet HTML 18Page - Texas Instruments TPS40060PWPR Datasheet HTML 19Page - Texas Instruments TPS40060PWPR Datasheet HTML 20Page - Texas Instruments TPS40060PWPR Datasheet HTML 21Page - Texas Instruments TPS40060PWPR Datasheet HTML 22Page - Texas Instruments TPS40060PWPR Datasheet HTML 23Page - Texas Instruments TPS40060PWPR Datasheet HTML 24Page - Texas Instruments TPS40060PWPR Datasheet HTML 25Page - Texas Instruments TPS40060PWPR Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 38 page
background image
P
SW(fsw) + VIN
I
O
t
SW
f
SW + 55 V
5 A
20 ns
130 kHz + 0.715 W
P
COND + 1.2
2
0.12
(1 ) 0.007
(150 * 25)) + 0.324 W
I
RMS + IO
d + 5
0.0588 + 1.2 A
DI + IO
2
0.2 + 5
2
0.2 + 2.0 A
f
SW +
0.0588
400 ns
+ 147 kHz
1
T
SW
+ fSW +
V
O(min)
V
IN(max)
T
ON
V
O(min)
V
IN(max)
+
t
ON
T
SW
or
d
MIN +
V
O(min)
V
IN(max)
+ 0.0588
d
MAX +
V
O(max)
V
IN(min)
++ 0.187
TPS40060
TPS40061
SLUS543F – DECEMBER 2002 – REVISED JUNE 2013
www.ti.com
DESIGN EXAMPLE
•
Input voltage: 18 VDC to 55 VDC
•
Output voltage: 3.3 V ±2%
•
Output current: 5 A (maximum, steady-state), 7 A (surge, 10-ms duration, 10% duty cycle maximum)
•
Output ripple: 33 mVP-P at 5 A
•
Output load response: 0.3 V => 10% to 90% step load change
•
Operating temperature: –40°C to 85°C
•
fSW = 130 kHz
1. Calculate maximum and minimum duty cycles
(42)
2. Select switching frequency
The switching frequency is based on the minimum duty cycle ratio and the propagation delay of the current limit
comparator. In order to maintain current limit capability, the on time of the upper MOSFET, tON, must be greater
than 330 ns (see Electrical Characteristics table). Therefore
(43)
(44)
Using 400 ns to provide margin,
(45)
Since the oscillator can vary by 10%, decrease fSW, by 10%
fSW = 0.9 × 147 kHz = 130 kHz
and therefore choose a frequency of 130 kHz.
3. Select
ΔI
In this case
ΔI is chosen so that the converter enters discontinuous mode at 20% of nominal load.
(46)
4. Calculate the high-side MOSFET power losses
Power losses in the high-side MOSFET (Si9407AGY) at 55-VIN where switching losses dominate can be
calculated from Equation 46 through Equation 49.
(47)
substituting Equation 47 into Equation 29 yields
(48)
and from Equation 31, the switching losses can be determined.
(49)
The MOSFET junction temperature can be found by substituting Equation 33 into Equation 32
22
Submit Documentation Feedback
Copyright © 2002–2013, Texas Instruments Incorporated
Product Folder Links: TPS40060 TPS40061



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com