Electronic Components Datasheet Search
  English  ▼

X  

TPS40060PWPR Datasheet(PDF) 13 Page - Texas Instruments

Part # TPS40060PWPR
Description  WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS40060PWPR Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS40060PWPR Datasheet HTML 9Page - Texas Instruments TPS40060PWPR Datasheet HTML 10Page - Texas Instruments TPS40060PWPR Datasheet HTML 11Page - Texas Instruments TPS40060PWPR Datasheet HTML 12Page - Texas Instruments TPS40060PWPR Datasheet HTML 13Page - Texas Instruments TPS40060PWPR Datasheet HTML 14Page - Texas Instruments TPS40060PWPR Datasheet HTML 15Page - Texas Instruments TPS40060PWPR Datasheet HTML 16Page - Texas Instruments TPS40060PWPR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 38 page
background image
L +
V
IN * VO
V
O
V
IN
DI
f
SW
(H)
(
)
(
)
(
)
(
)
KFF
IN min
T dummy
R
V
3.5 V
65.27 R
1502
=
-
´
´
+
W
R
T(dummy) +
1
f
SYNC
17.82
10*6
* 23 kW
C
BP10V +
Q
gSR
DV
(F)
C
BPN10 +
Qg
DV
(F)
TPS40060
TPS40061
www.ti.com
SLUS543F – DECEMBER 2002 – REVISED JUNE 2013
(8)
The 10-V reference pin, BP10V needs to provide energy for the synchronous MOSFET gate drive via the BP10V
capacitor. Neglecting any efficiency penalty, the BP10V capacitance is described in Equation 9.
(9)
SYNCHRONIZING TO AN EXTERNAL SUPPLY
The TPS4006x can be synchronized to an external clock through the SYNC pin. The SW node rises on the
falling edge of the SYNC signal. The synchronization frequency should be in the range of 20% to 30% higher
than its programmed free-run frequency. The clock frequency at the SYNC pin replaces the master clock
generated by the oscillator circuit. Pulling the SYNC pin low programs the TPS4006x to freely run at the
frequency programmed by RT.
Internally, the SYNC pin has a pull-down current between 5 µA and 10 µA. In order to synchronize the device to
an external clock signal, the SYNC pin has to be overdriven from the external clock circuit. Normal logic gates or
an external MOSFET with a pull-up resistor of 10 k
Ω is adequate.
Internally there is a delay of between approximately 50 ns and 100 ns from the time the SYNC pin is pulled low
and the HDRV signal goes low to turn on the upper MOSFET. Additionally, there is some delay as the MOSFET
gate charges to turn on the upper MOSFET, typically between 20 ns and 50 ns.
The higher synchronization must be factored in when programming the PWM ramp generator circuit. If the PWM
ramp is interrupted by the SYNC pulse, a UVLO condition is declared and the PWM becomes disabled. Typically
this is of concern under low-line conditions only. In any case, RKFF needs to be adjusted for the higher switching
frequency. In order to specify the correct value for RKFF at the synchronizing frequency, calculate a 'dummy'
value for RT that would cause the oscillator to run at the synchronizing frequency. Do not use this value of RT in
the design.
where:
•
fSYNC is the synchronous frequency in kHz
(10)
Use the value of RT(dummy) to calculate the value for RKFF.
where:
•
RT(dummy) is in kΩ
(11)
This value of RKFF ensures that UVLO is not engaged when operating at the synchronization frequency.
SELECTING THE INDUCTOR VALUE
The inductor value determines the magnitude of ripple current in the output capacitors as well as the load current
at which the converter enters discontinuous mode. Too large an inductance results in lower ripple current but is
physically larger for the same load current. Too small an inductance results in larger ripple currents and a greater
number of (or more expensive output capacitors for) the same output ripple voltage requirement. A good
compromise is to select the inductance value such that the converter doesn't enter discontinuous mode until the
load approximated somewhere between 10% and 30% of the rated output. The inductance value is described in
Equation 12.
where:
•
VO is the output voltage
•
ΔI is the peak-to-peak inductor current
(12)
Copyright © 2002–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: TPS40060 TPS40061



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com