Electronic Components Datasheet Search
  English  ▼

X  

TPS5410MDREP Datasheet(PDF) 2 Page - Texas Instruments

Part # TPS5410MDREP
Description  1-A WIDE INPUT RANGE STEP-DOWN SWIFT™ CONVERTER
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS5410MDREP Datasheet(HTML) 2 Page - Texas Instruments

  TPS5410MDREP Datasheet HTML 1Page - Texas Instruments TPS5410MDREP Datasheet HTML 2Page - Texas Instruments TPS5410MDREP Datasheet HTML 3Page - Texas Instruments TPS5410MDREP Datasheet HTML 4Page - Texas Instruments TPS5410MDREP Datasheet HTML 5Page - Texas Instruments TPS5410MDREP Datasheet HTML 6Page - Texas Instruments TPS5410MDREP Datasheet HTML 7Page - Texas Instruments TPS5410MDREP Datasheet HTML 8Page - Texas Instruments TPS5410MDREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
VIN
NC
NC
ENA
GND
VSENSE
BOOT
PH
TPS5410
VIN
VOUT
75
80
85
90
95
100
0
0.2
0.4
0.6
1
1.2
1.4
I
OutputCurrent
A
O
-
-
EfficiencyvsOutputCurrent
SimplifiedSchematic
V
I =20V
V =12V
f =500kHz
T =25 C
O
s
A
o
0.8
TPS5410-EP
SLVS910 – SEPTEMBER 2009 ......................................................................................................................................................................................... www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
ORDERING INFORMATION
TJ
INPUT VOLTAGE
OUTPUT VOLTAGE
PACKAGE (1)
PART NUMBER
–55°C to 125°C
5.5 V to 36 V
Adjustable to 1.22 V
SOIC (D)
TPS5410MDREP
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range (unless otherwise noted)
(1) (2)
VALUE
UNIT
VIN
–0.3 to 40(3)
BOOT
–0.3 to 50
PH (steady-state)
–0.6 to 40(3)
VI
Input voltage range
EN
–0.3 to 7
V
VSENSE
–0.3 to 3
BOOT-PH
10
PH (transient < 10 ns)
–1.2
IO
Source current
PH
Internally Limited
Ilkg
Leakage current
PH
10
μA
TJ
Operating virtual junction temperature range
–55 to 150
°C
Tstg
Storage temperature
–65 to 150
°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to network ground terminal.
(3)
Approaching the absolute maximum rating for the VIN pin may cause the voltage on the PH pin to exceed the absolute maximum rating.
2
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): TPS5410-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com