Electronic Components Datasheet Search
  English  ▼

X  

TPS5410MDREP Datasheet(PDF) 7 Page - Texas Instruments

Part # TPS5410MDREP
Description  1-A WIDE INPUT RANGE STEP-DOWN SWIFT™ CONVERTER
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS5410MDREP Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS5410MDREP Datasheet HTML 3Page - Texas Instruments TPS5410MDREP Datasheet HTML 4Page - Texas Instruments TPS5410MDREP Datasheet HTML 5Page - Texas Instruments TPS5410MDREP Datasheet HTML 6Page - Texas Instruments TPS5410MDREP Datasheet HTML 7Page - Texas Instruments TPS5410MDREP Datasheet HTML 8Page - Texas Instruments TPS5410MDREP Datasheet HTML 9Page - Texas Instruments TPS5410MDREP Datasheet HTML 10Page - Texas Instruments TPS5410MDREP Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
FeedForwardGain=
VIN
Ramppk-pk
TPS5410-EP
www.ti.com ......................................................................................................................................................................................... SLVS910 – SEPTEMBER 2009
The ENA pin has an internal pullup current source, allowing the user to float the ENA pin. If an application
requires controlling the ENA pin, use open drain or open collector output logic to interface with the pin. To limit
the start-up inrush current, an internal slow start circuit is used to ramp up the reference voltage from 0 V to its
final value linearly. The internal slow start time is 8 ms typically.
Undervoltage Lockout (UVLO)
The TPS5410 incorporates an undervoltage lockout circuit to keep the device disabled when VIN (the input
voltage) is below the UVLO start voltage threshold. During power up, internal circuits are held inactive and the
internal slow start is grouded until VIN exceeds the UVLO start threshold voltage. Once the UVLO start threshold
voltage is reached, the internal slow start is released and device start-up begins. The device operates until VIN
falls below the UVLO stop threshold voltage. The typical hysteresis in the UVLO comparator is 330 mV.
Boost Capacitor (BOOT)
Connect a 0.01-
μF low-ESR ceramic capacitor between the BOOT pin and PH pin. This capacitor provides the
gate drive voltage for the high-side MOSFET. X7R or X5R grade dielectrics are recommended due to their stable
values over temperature.
Output Feedback (VSENSE)
The output voltage of the regulator is set by feeding back the center point voltage of an external resistor divider
network to the VSENSE pin. In steady-state operation, the VSENSE pin voltage should be equal to the voltage
reference 1.221 V.
Internal Compensation
The TPS5410 implements internal compensation to simplify the regulator design. Since the TPS5410 uses
voltage mode control, a type 3 compensation network has been designed on chip to provide a high crossover
frequency and a high phase margin for good stability. See the Internal Compensation Network in the applications
section for more details.
Voltage Feed Forward
The internal voltage feed forward provides a constant DC power stage gain despite any variations with the input
voltage. This greatly simplifies the stability analysis and improves the transient response. Voltage feed forward
varies the peak ramp voltage inversely with the input voltage so that the modulator and power stage gain are
constant at the feed forward gain, i.e.
(1)
The typical feed forward gain of TPS5410 is 25.
Pulse-Width-Modulation (PWM) Control
The regulator employs a fixed frequency pulse-width-modulator (PWM) control method. First, the feedback
voltage (VSENSE pin voltage) is compared to the constant voltage reference by the high gain error amplifier and
compensation network to produce a error voltage. Then, the error voltage is compared to the ramp voltage by the
PWM comparator. In this way, the error voltage magnitude is converted to a pulse width which is the duty cycle.
Finally, the PWM output is fed into the gate drive circuit to control the on-time of the high-side MOSFET.
Overcurrent Liming
Overcurrent limiting is implemented by sensing the drain-to-source voltage across the high-side MOSFET. The
drain to source voltage is then compared to a voltage level representing the overcurrent threshold limit. If the
drain-to-source voltage exceeds the overcurrent threshold limit, the overcurrent indicator is set true. The system
will ignore the overcurrent indicator for the leading edge blanking time at the beginning of each cycle to avoid any
turn-on noise glitches.
Once overcurrent indicator is set true, overcurrent limiting is triggered. The high-side MOSFET is turned off for
the rest of the cycle after a propagation delay. The overcurrent limiting scheme is called cycle-by-cycle current
limiting.
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): TPS5410-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com