Electronic Components Datasheet Search
  English  ▼

X  

TPS6735IP Datasheet(PDF) 2 Page - Texas Instruments

Part # TPS6735IP
Description  FIXED NEGATIVE 5-V 200-mA INVERTING DC/DC CONVERTER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS6735IP Datasheet(HTML) 2 Page - Texas Instruments

  TPS6735IP Datasheet HTML 1Page - Texas Instruments TPS6735IP Datasheet HTML 2Page - Texas Instruments TPS6735IP Datasheet HTML 3Page - Texas Instruments TPS6735IP Datasheet HTML 4Page - Texas Instruments TPS6735IP Datasheet HTML 5Page - Texas Instruments TPS6735IP Datasheet HTML 6Page - Texas Instruments TPS6735IP Datasheet HTML 7Page - Texas Instruments TPS6735IP Datasheet HTML 8Page - Texas Instruments TPS6735IP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
TPS6735
FIXED NEGATIVE 5V 200mA INVERTING DC/DC CONVERTER
SLVS141A − JULY 1996 − REVISED JANUARY 1997
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
AVAILABLE OPTIONS
PACKAGED DEVICES
CHIP FORM
TA
SMALL OUTLINE
(D)
PLASTIC DIP
(P)
CHIP FORM
(Y)
−40
°C to 85°C
TPS6735ID
TPS6735IP
TPS6735Y
The D package is also available taped and reeled (TPS6735IDR).
functional block diagram
EN
EN
1
EN
_
+
5
4
Error
Amplifier
Voltage
Reference
6
2
x3
SS Clamp
1.2 M
Ω
x3
R
S
Q
160-kHz
Oscillator
PWM
Comparator
Σ
Driver
FB
Power Switch PMOS
UVLO
VCC
REF
Overcurrent
Comparator
7
8
VCC
OUT
FB
COMP
GND
REF
3
SS
Current-
Sense Amplifier
Drive Latch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com