Electronic Components Datasheet Search
  English  ▼

X  

TPS6735IP Datasheet(PDF) 6 Page - Texas Instruments

Part # TPS6735IP
Description  FIXED NEGATIVE 5-V 200-mA INVERTING DC/DC CONVERTER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS6735IP Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS6735IP Datasheet HTML 2Page - Texas Instruments TPS6735IP Datasheet HTML 3Page - Texas Instruments TPS6735IP Datasheet HTML 4Page - Texas Instruments TPS6735IP Datasheet HTML 5Page - Texas Instruments TPS6735IP Datasheet HTML 6Page - Texas Instruments TPS6735IP Datasheet HTML 7Page - Texas Instruments TPS6735IP Datasheet HTML 8Page - Texas Instruments TPS6735IP Datasheet HTML 9Page - Texas Instruments TPS6735IP Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
TPS6735
FIXED NEGATIVE 5V 200mA INVERTING DC/DC CONVERTER
SLVS141A − JULY 1996 − REVISED JANUARY 1997
6
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
electrical characteristics over recommended operating free-air temperature range, VCC = 5 V,
IO = 0, EN = 5 V, typical values are at TA = 25°C (unless otherwise noted) (refer to Figure 15)
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
Supply current
1.9
mA
Standby current
EN = 0.4 V
1
10
µA
High-level input threshold voltage, EN
2
V
Low-level input threshold voltage, EN
0.4
V
Input current, EN
−
1
1
µA
Compensation pin impedance
7.5
k
Ω
Oscillator frequency
160
kHz
Reference voltage
IO(ref) ≤ 125 µA
1.22
V
Reference drift
50
ppm/
°C
Undervoltage lockout
3.7
V
On resistance, OUT
0.4
Ω
Leakage current, OUT
20
nA
performance characteristics over recommended operating free-air temperature range, typical
values at TA = 25°C (unless otherwise noted) (refer to Figure 15)
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
Output voltage
VCC = 4.5 V to 6.2 V
IO = 0 mA to 200 mA
−4.75
−5
−5.25
V
Load current
VCC = 4.5 V to 6.2 V
200
270
mA
Line regulation
VCC = 4.5 V to 6.2 V
0.2%
Load regulation
IO = 25 mA to 200 mA
0.2%
Efficiency
IO =100 mA
78%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com