Electronic Components Datasheet Search
  English  ▼

X  

TPS6735IPE4 Datasheet(PDF) 7 Page - Texas Instruments

Part # TPS6735IPE4
Description  FIXED NEGATIVE 5-V 200-mA INVERTING DC/DC CONVERTER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS6735IPE4 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS6735IPE4 Datasheet HTML 3Page - Texas Instruments TPS6735IPE4 Datasheet HTML 4Page - Texas Instruments TPS6735IPE4 Datasheet HTML 5Page - Texas Instruments TPS6735IPE4 Datasheet HTML 6Page - Texas Instruments TPS6735IPE4 Datasheet HTML 7Page - Texas Instruments TPS6735IPE4 Datasheet HTML 8Page - Texas Instruments TPS6735IPE4 Datasheet HTML 9Page - Texas Instruments TPS6735IPE4 Datasheet HTML 10Page - Texas Instruments TPS6735IPE4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
TPS6735
FIXED NEGATIVE 5V 200mA INVERTING DC/DC CONVERTER
SLVS141A − JULY 1996 − REVISED JANUARY 1997
7
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
APPLICATION INFORMATION
VI = 5 V
VO = − 5 V
IO = 100 mA
0
0.5
1
5
0
− 5
t − Time − s
2.5
µs/div
Figure 2. Switching Waveforms
VI = 5 V
VO = − 5 V
IO = 100 mA
2.5
µs/div
1
0.5
0
0
−50
t − Time − s
Figure 3. Output Voltage Ripple



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com