Electronic Components Datasheet Search
  English  ▼

X  

TPS6735IPE4 Datasheet(PDF) 13 Page - Texas Instruments

Part # TPS6735IPE4
Description  FIXED NEGATIVE 5-V 200-mA INVERTING DC/DC CONVERTER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS6735IPE4 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS6735IPE4 Datasheet HTML 9Page - Texas Instruments TPS6735IPE4 Datasheet HTML 10Page - Texas Instruments TPS6735IPE4 Datasheet HTML 11Page - Texas Instruments TPS6735IPE4 Datasheet HTML 12Page - Texas Instruments TPS6735IPE4 Datasheet HTML 13Page - Texas Instruments TPS6735IPE4 Datasheet HTML 14Page - Texas Instruments TPS6735IPE4 Datasheet HTML 15Page - Texas Instruments TPS6735IPE4 Datasheet HTML 16Page - Texas Instruments TPS6735IPE4 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
TPS6735
FIXED NEGATIVE 5V 200mA INVERTING DC/DC CONVERTER
SLVS141A − JULY 1996 − REVISED JANUARY 1997
13
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
APPLICATION INFORMATION
Table 1. Bill of Materials
QTY
DESCRIPTION
REF
DES
MANUFACTURER
PART NO.
MANUFACTURER
1
IC
Power supply
−5 V
U1
TPS6735ID
Texas Instruments
1
Diode
Schottky
D1
1N5817GI
General Instrument
1
Inductor
10
µH
L1
DO1608C-103
CD54-100
Coilcraft, Sumida
1
Capacitor
47
µF tantalum
16 V
7343
C1
593D476X9016D2W
TPSD476K016R0100
Sprague, AVX
1
Capacitor
100
µF tantalum
10 V
7343
C2
593D107X9010D2W
TPSD107D016R0100
Sprague, AVX
1
Capacitor
10
µF tantalum
10 V
3528
C3
293D106X0010B2W
267E 1002 106
Sprague, MATSUO
1
Capacitor
82 pF ceramic
50 V
0805
C4
1
Capacitor
1
µF ceramic
16 V
1206
C5
1
Capacitor
0.1
µF ceramic
50 V
0805
C6
1
Resistor
130 k
Ω
0805
R1
1
Resistor
300 k
Ω
0805
R2
1
Resistor
10 k
Ω
0805
R3
TEXAS INSTRUMENTS
C1
P1
+
+
C3
R2
R1
C6
C4
U1
C5
+
SLVP095
L1
K D1
J1
C2
+
P2
TPS6735 EVALUATION BOARD
SILK SCREEN TOP
Figure 16. Component Placement



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com