Electronic Components Datasheet Search
  English  ▼

X  

TPS6755IP Datasheet(PDF) 5 Page - Texas Instruments

Part # TPS6755IP
Description  ADJUSTABLE INVERTING DC/DC CONVERTER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS6755IP Datasheet(HTML) 5 Page - Texas Instruments

  TPS6755IP Datasheet HTML 1Page - Texas Instruments TPS6755IP Datasheet HTML 2Page - Texas Instruments TPS6755IP Datasheet HTML 3Page - Texas Instruments TPS6755IP Datasheet HTML 4Page - Texas Instruments TPS6755IP Datasheet HTML 5Page - Texas Instruments TPS6755IP Datasheet HTML 6Page - Texas Instruments TPS6755IP Datasheet HTML 7Page - Texas Instruments TPS6755IP Datasheet HTML 8Page - Texas Instruments TPS6755IP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
TPS6755
ADJUSTABLE INVERTING DC/DC CONVERTER
SLVS155A – NOVEMBER 1996 REVISED DECEMBER 1996
5
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
SS clamp
The SS clamp circuit limits the signal level on error-amplifier output during start-up. The voltage on SS is
amplified and used to override the error-amplifier output until the error-amplifier voltage rises above that output,
at which point the error amplifier takes over. This prevents the input to the PWM comparator from exceeding
its common-mode range (i.e., error amplifier output too high to be reached by the current ramp) by limiting the
maximum voltage on the error-amplifier output during start-up.
Soft start causes the output voltage to increase to the regulation point at the controlled rate. The voltage on the
charging soft-start capacitor gradually raises the clamp on the error amplifier output voltage, limiting surge
currents at power up by increasing the current limit threshold on a cycle-by-cycle basis. A soft-start cycle is
initiated when either the enable (EN) signal is switched high or an overcurrent fault condition triggers the
discharge of the soft-start capacitor.
DISSIPATION RATING TABLE
PACKAGE
TA ≤ 25°C
POWER RATING
DERATING FACTOR
ABOVE TA = 25°C
TA = 70°C
POWER RATING
TA = 85°C
POWER RATING
D
725 mW
5.8 mW/
°C
464 mW
377 mW
P
1175 mW
9.4 mW/
°C
752 mW
611 mW
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)†
Pin voltages: VCC (see Note 1)
–0.3 V to 9 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
OUT to VCC
12.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
FB (see Note 1)
25 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
SS, COMP, EN voltage range (see Note 1)
–0.3 V to VCC +0.3 V
. . . . . . . . . . . . . . . . . . . . . . . .
Peak switch current
2 A
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Reference current
2.5 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous total power dissipation
See Dissipation Rating Table
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperture range, TA
–40
°C to 85°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature 1,6mm (1/16 inch) from case for 10 s
260
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTE 1: All voltage values are with respect to network terminal ground.
recommended operating conditions
MIN
NOM
MAX
UNIT
Supply voltage
2.7
9
V
Decoupling capacitor
1
µF
Input capacitor
47
µF
Reference capacitor
10
µF
Output capacitor
100
µF
Compensation capacitor
82
pF
Inductor
10
µH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com