Electronic Components Datasheet Search
  English  ▼

X  

TPS6755IP Datasheet(PDF) 7 Page - Texas Instruments

Part # TPS6755IP
Description  ADJUSTABLE INVERTING DC/DC CONVERTER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS6755IP Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS6755IP Datasheet HTML 3Page - Texas Instruments TPS6755IP Datasheet HTML 4Page - Texas Instruments TPS6755IP Datasheet HTML 5Page - Texas Instruments TPS6755IP Datasheet HTML 6Page - Texas Instruments TPS6755IP Datasheet HTML 7Page - Texas Instruments TPS6755IP Datasheet HTML 8Page - Texas Instruments TPS6755IP Datasheet HTML 9Page - Texas Instruments TPS6755IP Datasheet HTML 10Page - Texas Instruments TPS6755IP Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
TPS6755
ADJUSTABLE INVERTING DC/DC CONVERTER
SLVS155A – NOVEMBER 1996 REVISED DECEMBER 1996
7
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
typical system waveforms
VI = 5 V
VO = – 5 V
IO = 100 mA
0
0.5
1
5
0
– 5
t – Time – s
2.5
µs/div
Figure 2. Switching Waveforms
2.5
µs/div
– 50
0
0
0.5
t – Time – s
VI = 5 V
VO = – 5 V
IO = 100 mA
1
Figure 3. Output Voltage Ripple



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com