| Electronic Components Datasheet Search |
|
PCA9544AD Datasheet(PDF) 6 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCA9544AD Datasheet(HTML) 6 Page - NXP Semiconductors |
|
6 / 31 page ![]() PCA9544A All information provided in this document is subject to legal disclaimers. © NXP Semiconductors N.V. 2014. All rights reserved. Product data sheet Rev. 5 — 23 April 2014 6 of 31 NXP Semiconductors PCA9544A 4-channel I2C-bus multiplexer with interrupt logic 6. Functional description Refer to Figure 1 “Block diagram”. 6.1 Device addressing Following a START condition the bus master must output the address of the slave it is accessing. The address of the PCA9544A is shown in Figure 5. To conserve power, no internal pull-up resistors are incorporated on the hardware selectable address pins and they must be pulled HIGH or LOW. The last bit of the slave address defines the operation to be performed. When set to logic 1 a read is selected, while a logic 0 selects a write operation. 6.2 Control register Following the successful acknowledgement of the slave address, the bus master sends a byte to the PCA9544A which is stored in the Control register. If the PCA9544A receives multiple bytes, it saves the last byte received. This register can be written and read via the I2C-bus. 6.2.1 Control register definition A SCx/SDx downstream pair, or channel, is selected by the contents of the control register. This register is written after the PCA9544A has been addressed. The 3 LSBs of the control byte are used to determine which channel is to be selected. When a channel is selected, it will become active after a STOP condition has been placed on the I2C-bus. This ensures that all SCx/SDx lines are in a HIGH state when the channel is made active, so that no false conditions are generated at the time of connection. Fig 5. Slave address 002aab189 1 1 1 0 A2 A1 A0 R/W fixed hardware selectable Fig 6. Control register 002aae297 INT3 INT2 INT1 INT0 X B2 B1 B0 interrupt bits (read only) channel selection bits (read/write) 76543210 bit enable bit |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |