Electronic Components Datasheet Search
  English  ▼

X  

PCA9544AD Datasheet(PDF) 12 Page - NXP Semiconductors

Part # PCA9544AD
Description  4-channel I2C-bus multiplexer with interrupt logic
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9544AD Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button PCA9544AD Datasheet HTML 8Page - NXP Semiconductors PCA9544AD Datasheet HTML 9Page - NXP Semiconductors PCA9544AD Datasheet HTML 10Page - NXP Semiconductors PCA9544AD Datasheet HTML 11Page - NXP Semiconductors PCA9544AD Datasheet HTML 12Page - NXP Semiconductors PCA9544AD Datasheet HTML 13Page - NXP Semiconductors PCA9544AD Datasheet HTML 14Page - NXP Semiconductors PCA9544AD Datasheet HTML 15Page - NXP Semiconductors PCA9544AD Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 31 page
background image
PCA9544A
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 5 — 23 April 2014
12 of 31
NXP Semiconductors
PCA9544A
4-channel I2C-bus multiplexer with interrupt logic
8.
Application design-in information
(1) If the device generating the interrupt has an open-drain output structure or can be 3-stated,
a pull-up resistor is required.
If the device generating the interrupt has a totem pole output structure and cannot be 3-stated,
a pull-up resistor is not required.
The interrupt inputs should not be left floating.
Fig 14. Typical application
PCA9544A
SD0
SC0
A1
A0
VSS
SDA
SCL
INT
VDD = 3.3 V
VDD = 2.7 V to 5.5 V
I2C-bus/SMBus master
002aae298
SDA
SCL
channel 0
V = 2.7 V to 5.5 V
A2
INT0
(1)
SD1
SC1
channel 1
V = 2.7 V to 5.5 V
INT1
(1)
SD2
SC2
channel 2
V = 2.7 V to 5.5 V
INT2
(1)
SD3
SC3
channel 3
V = 2.7 V to 5.5 V
INT3
(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com