Electronic Components Datasheet Search
  English  ▼

X  

RDE Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd.

Part # RDE
Description  Radial Leaded Capacitors Commercial Grade Capacitors – RDE 25/50/100VDC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

RDE Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd.

  RDE Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. RDE Datasheet HTML 2Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
RDE Series: The RDE, radial leaded,
epoxy coated monolithic ceramic capacitor
has been designed for commercial applications.
Murata Electronics North America, Inc. has
added a lineup of 25, 50 and 100VDC RDE
components in C0G, X7R, X7S and Y5V TC’s
to the existing 250 and 630VDC, X7R RDE
series. All RDE’s are RoHS compliant and
have an epoxy coating and tin/copper plated
radial leads. The commercial grade RDE’s
are designed for general use electronics
applications and not for automotive powertrain
and safety (ABS, Air Bag, etc) applications.
They are a cost effective alternative to our
automotive grade RPE series for noncritical
applications.
Features:
Case Size
: 0, 1, 2, 3 and W (See dimensions table on back for details.)
Body Size
: The 0 & 1 size RDE products are the smallest leaded devices offered by Murata.
Lead Spacing
: 2.5 +/- 0.8mm, 5.0 +/- 0.8mm
Voltage
: 25, 50 and 100VDC
Cap Range
: See “Capacitance Range” Chart on page 2
Base Metal Inner Electrodes
: Copper plating + Ni plating + Sn plated terminations
Body Coating
: Epoxy coated body with Tin/Copper coated Radial Leads
Tolerance
: [J]=+/-5% for C0G, [K]=+/-10% for X7R and X7S and [Z]=+80/-20% for Y5V
Temp. Characteristics
: C0G (-55 to 125°C, +/- 30ppm/°C), X7R (-55 to125°C, +/- 15%),
X7S (-55 to125°C, +/- 22%) and Y5V (-30 to 85°C, +22/- 82%)
Applications:
Commercial
Electronics, Consumer
Electronics, White Goods
www .murata.com
www .murata.com
www .murata.com
Radial Leaded Capacitors
Commercial Grade Capacitors – RDE 25/50/100VDC
RDE Product Summary


Similar Part No. - RDE

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
RDE20 XPPOWER-RDE20 Datasheet
499Kb / 4P
DC-DC Converter
RDE20110D05 XPPOWER-RDE20110D05 Datasheet
499Kb / 4P
DC-DC Converter
RDE20110D12 XPPOWER-RDE20110D12 Datasheet
499Kb / 4P
DC-DC Converter
RDE20110D15 XPPOWER-RDE20110D15 Datasheet
499Kb / 4P
DC-DC Converter
RDE20110S05 XPPOWER-RDE20110S05 Datasheet
499Kb / 4P
DC-DC Converter
More results

Similar Description - RDE

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
DT100M0161 MERITEK-DT100M0161 Datasheet
223Kb / 2P
Radial Leaded Tantalum Capacitors
logo
Illinois Capacitor, Inc...
105DER2R5SFN ILLINOISCAPACITOR-105DER2R5SFN Datasheet
261Kb / 3P
Radial Leaded Super Capacitors
106DCR2R3SGU ILLINOISCAPACITOR-106DCR2R3SGU Datasheet
172Kb / 2P
Radial Leaded Super Capacitors
logo
Murata Manufacturing Co...
RDER71E104K0K1C03B MURATA-RDER71E104K0K1C03B Datasheet
836Kb / 2P
Radial Leaded Capacitors Commercial Grade Capacitors ??RDE 25/50/100VDC
logo
MERITEK ELECTRONICS COR...
DT MERITEK-DT Datasheet
223Kb / 2P
Radial Leaded Tantalum Capacitors
logo
Kemet Corporation
ERK610Z102KCF0 KEMET-ERK610Z102KCF0 Datasheet
1Mb / 11P
Radial Leaded Ceramic Disc Capacitors
ERP610W102MDF0 KEMET-ERP610W102MDF0 Datasheet
1Mb / 10P
Radial Leaded Ceramic Disc Capacitors
logo
Cornell Dubilier Electr...
DPP CDE-DPP Datasheet
203Kb / 3P
Polypropylene Radial Leaded Film Capacitors
logo
AVX Corporation
REF AVX-REF Datasheet
519Kb / 7P
Radial Leaded Aluminum Electrolytic Capacitors
Rev 0
REH AVX-REH Datasheet
500Kb / 8P
Radial Leaded Aluminum Electrolytic Capacitors
Rev 0
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com