Electronic Components Datasheet Search
  English  ▼

X  

RDE Datasheet(PDF) 2 Page - Murata Manufacturing Co., Ltd.

Part # RDE
Description  Radial Leaded Capacitors Commercial Grade Capacitors – RDE 25/50/100VDC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

RDE Datasheet(HTML) 2 Page - Murata Manufacturing Co., Ltd.

  RDE Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. RDE Datasheet HTML 2Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Dimensions (mm max)
Type Name
Temperature Characteristics
Rated Voltage
Capacitance
Capacitance Tolerance
Dimensions (L x W)
Lead Configuration & Space
Individual Specification
Code
Packaging
Code Temp. Char.
Operating Temp. Range
Capacitance Change
5C
C0G
-55 to 125℃
0+/-30ppm/℃
R7
X7R
-55 to 125℃
+15/-15%
C7
X7S
-55 to 125℃
+22/-22%
F5
Y5V
-30 to 85℃
+22/-82%
Capacitance Step
See Part Number List
Name Coated Material
RDE
Epoxy Coating
Code Rated Voltage
1E
25V
1H
50V
2A
100V
Code
L x W
0
4.0 x 6.0mm
1
4.5 x 5.0mm
2
5.5 x 6.0mm
3
5.5 x 7.5mm
W
5.5 x 10.0mm
Code
Tolerance
J
+/-5%
K
+/-10%
M
+/-20%
Z
+80/-20%
Code Lead Configuration
Lead Space
P1
Outside-crimp Bulk
F=2.5mm
S1
Outside-crimp Taping
F=2.5mm
K1
Incrimp Long Bulk
F=5.0mm
M1
Incrimp Taping
F=5.0mm
Code Package Type Size Code Std. Pack Qty.
B
Bulk
0 - 3
500 pcs.
A
Ammo Pack
0 - 3
2000 pcs.*1
pF / uF
50V
10pF to 1000pF (E12)
100V
10pF to 1000pF (E12)
0
25V
0.1uF
0
220pF to 0.1uF
1
0.15uF to 0.47uF
2
0.68uF to 2.2uF
3
3.3uF
0
1000pF to 0.022uF
1
0.033uF to 0.47uF
2
1uF
0
0.22uF to 1uF
1
2.2uF
2
4.7uF, 10uF
3
22uF
W
47uF
2
50V
4.7uF
3
2.2uF
W
4.7uF
0
Y5V
50V
0.01uF to 0.1uF
100V
25V
50V
Capacitance Range
100V
Size
Code
TC
C0G
0
100uF
10uF
X7R
X7S
1uF
0.1uF
0.01uF
1000pF
100pF
10pF
WV
Size Code
L
W1
T
0
4.0
6.0
2.5
1
4.5
5.0
3.15
2
5.5
6.0
3.15
3
5.5
7.5
4.0
W
5.5
10.0
4.0
*1
Confirm detail specifications
* Coating Extension does not exceed the end of the
lead bend.
Global Part Numbering
Capacitance Range
*
W1
max
L max.
5.0+/-0.8
T max.
0.5+/-0.05
Structure
Body Coating
Epoxy
Dielectric
(Ceramic)
Inner Solder
Solder
Outer Electrode
Copper plating
+ Ni plating
+ Sn plating
Inner Electrode
Ni
Lead Wire
Sn/Cu solder
coated copper wire
or solder coated
CP wire
Dimensions (mm max)
Type Name
Temperature Characteristics
Rated Voltage
Capacitance
Capacitance Tolerance
Dimensions (L x W)
Lead Configuration & Space
Individual Specification
Code
Packaging
Code Temp. Char.
Operating Temp. Range
Capacitance Change
5C
C0G
-55 to 125℃
0+/-30ppm/℃
R7
X7R
-55 to 125℃
+15/-15%
C7
X7S
-55 to 125℃
+22/-22%
F5
Y5V
-30 to 85℃
+22/-82%
Capacitance Step
See Part Number List
Name Coated Material
RDE
Epoxy Coating
Code Rated Voltage
1E
25V
1H
50V
2A
100V
Code
L x W
0
4.0 x 6.0mm
1
4.5 x 5.0mm
2
5.5 x 6.0mm
3
5.5 x 7.5mm
W
5.5 x 10.0mm
Code
Tolerance
J
+/-5%
K
+/-10%
M
+/-20%
Z
+80/-20%
Code Lead Configuration
Lead Space
P1
Outside-crimp Bulk
F=2.5mm
S1
Outside-crimp Taping
F=2.5mm
K1
Incrimp Long Bulk
F=5.0mm
M1
Incrimp Taping
F=5.0mm
Code Package Type Size Code Std. Pack Qty.
B
Bulk
0 - 3
500 pcs.
A
Ammo Pack
0 - 3
2000 pcs.*1
pF / uF
50V
10pF to 1000pF (E12)
100V
10pF to 1000pF (E12)
0
25V
0.1uF
0
220pF to 0.1uF
1
0.15uF to 0.47uF
2
0.68uF to 2.2uF
3
3.3uF
0
1000pF to 0.022uF
1
0.033uF to 0.47uF
2
1uF
0
0.22uF to 1uF
1
2.2uF
2
4.7uF, 10uF
3
22uF
W
47uF
2
50V
4.7uF
3
2.2uF
W
4.7uF
0
Y5V
50V
0.01uF to 0.1uF
100V
25V
50V
Capacitance Range
100V
Size
Code
TC
C0G
0
100uF
10uF
X7R
X7S
1uF
0.1uF
0.01uF
1000pF
100pF
10pF
WV
Size Code
L
W1
T
0
4.0
6.0
2.5
1
4.5
5.0
3.15
2
5.5
6.0
3.15
3
5.5
7.5
4.0
W
5.5
10.0
4.0
*1
Confirm detail specifications
* Coating Extension does not exceed the end of the
lead bend.
Global Part Numbering
Capacitance Range
*
W1
max
L max.
5.0+/-0.8
T max.
0.5+/-0.05
Dimensions (mm max)
Type Name
Temperature Characteristics
Rated Voltage
Capacitance
Capacitance Tolerance
Dimensions (L x W)
Lead Configuration & Space
Individual Specification
Code
Packaging
Code Temp. Char.
Operating Temp. Range
Capacitance Change
5C
C0G
-55 to 125℃
0+/-30ppm/℃
R7
X7R
-55 to 125℃
+15/-15%
C7
X7S
-55 to 125℃
+22/-22%
F5
Y5V
-30 to 85℃
+22/-82%
Capacitance Step
See Part Number List
Name Coated Material
RDE
Epoxy Coating
Code Rated Voltage
1E
25V
1H
50V
2A
100V
Code
L x W
0
4.0 x 6.0mm
1
4.5 x 5.0mm
2
5.5 x 6.0mm
3
5.5 x 7.5mm
W
5.5 x 10.0mm
Code
Tolerance
J
+/-5%
K
+/-10%
M
+/-20%
Z
+80/-20%
Code Lead Configuration
Lead Space
P1
Outside-crimp Bulk
F=2.5mm
S1
Outside-crimp Taping
F=2.5mm
K1
Incrimp Long Bulk
F=5.0mm
M1
Incrimp Taping
F=5.0mm
Code Package Type Size Code Std. Pack Qty.
B
Bulk
0 - 3
500 pcs.
A
Ammo Pack
0 - 3
2000 pcs.*1
pF / uF
50V
10pF to 1000pF (E12)
100V
10pF to 1000pF (E12)
0
25V
0.1uF
0
220pF to 0.1uF
1
0.15uF to 0.47uF
2
0.68uF to 2.2uF
3
3.3uF
0
1000pF to 0.022uF
1
0.033uF to 0.47uF
2
1uF
0
0.22uF to 1uF
1
2.2uF
2
4.7uF, 10uF
3
22uF
W
47uF
2
50V
4.7uF
3
2.2uF
W
4.7uF
0
Y5V
50V
0.01uF to 0.1uF
100V
25V
50V
Capacitance Range
100V
Size
Code
TC
C0G
0
100uF
10uF
X7R
X7S
1uF
0.1uF
0.01uF
1000pF
100pF
10pF
WV
Size Code
L
W1
T
0
4.0
6.0
2.5
1
4.5
5.0
3.15
2
5.5
6.0
3.15
3
5.5
7.5
4.0
W
5.5
10.0
4.0
*1
Confirm detail specifications
* Coating Extension does not exceed the end of the
lead bend.
Global Part Numbering
Capacitance Range
*
W1
max
L max.
5.0+/-0.8
T max.
0.5+/-0.05
Dimensions (mm max)
Type Name
Temperature Characteristics
Rated Voltage
Capacitance
Capacitance Tolerance
Dimensions (L x W)
Lead Configuration & Space
Individual Specification
Code
Packaging
Code Temp. Char.
Operating Temp. Range
Capacitance Change
5C
C0G
-55 to 125℃
0+/-30ppm/℃
R7
X7R
-55 to 125℃
+15/-15%
C7
X7S
-55 to 125℃
+22/-22%
F5
Y5V
-30 to 85℃
+22/-82%
Capacitance Step
See Part Number List
Name Coated Material
RDE
Epoxy Coating
Code Rated Voltage
1E
25V
1H
50V
2A
100V
Code
L x W
0
4.0 x 6.0mm
1
4.5 x 5.0mm
2
5.5 x 6.0mm
3
5.5 x 7.5mm
W
5.5 x 10.0mm
Code
Tolerance
J
+/-5%
K
+/-10%
M
+/-20%
Z
+80/-20%
Code Lead Configuration
Lead Space
P1
Outside-crimp Bulk
F=2.5mm
S1
Outside-crimp Taping
F=2.5mm
K1
Incrimp Long Bulk
F=5.0mm
M1
Incrimp Taping
F=5.0mm
Code Package Type Size Code Std. Pack Qty.
B
Bulk
0 - 3
500 pcs.
A
Ammo Pack
0 - 3
2000 pcs.*1
pF / uF
50V
10pF to 1000pF (E12)
100V
10pF to 1000pF (E12)
0
25V
0.1uF
0
220pF to 0.1uF
1
0.15uF to 0.47uF
2
0.68uF to 2.2uF
3
3.3uF
0
1000pF to 0.022uF
1
0.033uF to 0.47uF
2
1uF
0
0.22uF to 1uF
1
2.2uF
2
4.7uF, 10uF
3
22uF
W
47uF
2
50V
4.7uF
3
2.2uF
W
4.7uF
0
Y5V
50V
0.01uF to 0.1uF
100V
25V
50V
Capacitance Range
100V
Size
Code
TC
C0G
0
100uF
10uF
X7R
X7S
1uF
0.1uF
0.01uF
1000pF
100pF
10pF
WV
Size Code
L
W1
T
0
4.0
6.0
2.5
1
4.5
5.0
3.15
2
5.5
6.0
3.15
3
5.5
7.5
4.0
W
5.5
10.0
4.0
*1
Confirm detail specifications
* Coating Extension does not exceed the end of the
lead bend.
Global Part Numbering
Capacitance Range
*
W1
max
L max.
5.0+/-0.8
T max.
0.5+/-0.05
www .murata.com
www .murata.com
www .murata.com
C-37-B
©2010 Murata Electronics N.A., Inc.
Radial Leaded Capacitors
Commercial Grade Capacitors – RDE 25/50/100VDC
RDE Data Sheet



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com