Electronic Components Datasheet Search
  English  ▼

X  

3200577 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 3200577
Description  AI 25 -16 YE - Ferrule
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

3200577 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  3200577 Datasheet HTML 1Page - PHOENIX CONTACT 3200577 Datasheet HTML 2Page - PHOENIX CONTACT 3200577 Datasheet HTML 3Page - PHOENIX CONTACT 3200577 Datasheet HTML 4Page - PHOENIX CONTACT 3200577 Datasheet HTML 5Page - PHOENIX CONTACT 3200577 Datasheet HTML 6Page - PHOENIX CONTACT 3200577 Datasheet HTML 7Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Ferrule, Length contact range: 16 mm, sleeve length: 30 mm, color: yellow
Your advantages
The insulation reliability of close connections is increased and the splicing of wires is prevented
•
The ferrules with plastic sleeve are made from soft tin-plated electrolytic copper
•
Commercial data
Item number
3200577
Packing unit
50 pc
Minimum order quantity
50 pc
Sales key
BH34
Product key
BH3411
GTIN
4017918094188
Weight per piece (including packing)
1.208 g
Weight per piece (excluding packing)
1.208 g
Customs tariff number
85369010
Country of origin
DE
AI 25 -16 YE - Ferrule
3200577
https://www.phoenixcontact.com/us/products/3200577
Sep 1, 2025, 8:09AM
Page 1 (7)


Similar Part No. - 3200577

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3200577 PHOENIX-3200577 Datasheet
143Kb / 4P
Ferrules With Insulating Collar According to DIN 46228-4
More results

Similar Description - 3200577

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1200281 PHOENIX-1200281 Datasheet
51Kb / 2P
Ferrule - AI-TWIN 2X 2,5 -16 BU
12/18/2019
3200700 PHOENIX-3200700 Datasheet
61Kb / 3P
Ferrule - AI 25 -22 YE
3200713 PHOENIX-3200713 Datasheet
68Kb / 3P
Ferrule - AI 35 -25 RD
3200852 PHOENIX-3200852 Datasheet
69Kb / 2P
AI 0,25- 8 YE
3201071 PHOENIX-3201071 Datasheet
58Kb / 3P
Ferrule - AI 35 -16 BE
3201084 PHOENIX-3201084 Datasheet
66Kb / 3P
Ferrule - AI 25 -16 BN
3201330 PHOENIX-3201330 Datasheet
65Kb / 3P
Ferrule - AI 16 -18 GN
3201589 PHOENIX-3201589 Datasheet
66Kb / 3P
Ferrule - AI 1 - 8 YE-B
3201961 PHOENIX-3201961 Datasheet
67Kb / 3P
Ferrule - AI-XL 16 -12 BU
3241128 PHOENIX-3241128 Datasheet
44Kb / 2P
Ferrule - AI 0,25-10 YE
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com