Electronic Components Datasheet Search
  English  ▼

X  

3200577 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 3200577
Description  AI 25 -16 YE - Ferrule
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

3200577 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  3200577 Datasheet HTML 1Page - PHOENIX CONTACT 3200577 Datasheet HTML 2Page - PHOENIX CONTACT 3200577 Datasheet HTML 3Page - PHOENIX CONTACT 3200577 Datasheet HTML 4Page - PHOENIX CONTACT 3200577 Datasheet HTML 5Page - PHOENIX CONTACT 3200577 Datasheet HTML 6Page - PHOENIX CONTACT 3200577 Datasheet HTML 7Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Technical data
Product properties
Product type
Cable end sleeve
Set comprises
1202580 CRIMPSET 25
Conductor category
stranded conductors, class 2, 5, 6 / B, C, K, M
UL certified
Made from soft tin-plated electrolytic copper
Correspond to the requirements of DIN 46228-1 and UL 486F in
terms of size
Plastic collar made of polypropylene
Halogen-free
Product property
Long/short-term temperature: +105°C/+120°C
Connection data
Conductor connection
Conductor cross-section flexible max.
25 mm²
Conductor cross-section AWG max.
4
Stripping length
20 mm
Dimensions
Dimensional drawing
Sleeve length
30 mm
Length contact range
16 mm
Maximum stripping length
20 mm
Ferrule diameter
7.3 mm
Sleeve wall thickness
0.2 mm
Insulating collar thickness
0.5 mm
Inner dimensions of the insulating collar
11 mm
Material specifications
Color
yellow (RAL 1018)
Material
CU-DHP
Flammability rating according to UL 94
HB
Coating
galvanically tin-plated
Surface characteristics
Tin-plated
Components
free from silicone and halogen
Mechanical properties
AI 25 -16 YE - Ferrule
3200577
https://www.phoenixcontact.com/us/products/3200577
Sep 1, 2025, 8:09AM
Page 2 (7)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com