Electronic Components Datasheet Search
  English  ▼

X  

3200580 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 3200580
Description  AI 2,5 -18 BU - Ferrule
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

3200580 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  3200580 Datasheet HTML 1Page - PHOENIX CONTACT 3200580 Datasheet HTML 2Page - PHOENIX CONTACT 3200580 Datasheet HTML 3Page - PHOENIX CONTACT 3200580 Datasheet HTML 4Page - PHOENIX CONTACT 3200580 Datasheet HTML 5Page - PHOENIX CONTACT 3200580 Datasheet HTML 6Page - PHOENIX CONTACT 3200580 Datasheet HTML 7Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Ferrule, Length contact range: 18 mm, sleeve length: 24 mm, color: blue
Your advantages
The insulation reliability of close connections is increased and the splicing of wires is prevented
•
The ferrules with plastic sleeve are made from soft tin-plated electrolytic copper
•
Commercial data
Item number
3200580
Packing unit
100 pc
Minimum order quantity
100 pc
Sales key
BH34
Product key
BH3411
GTIN
4017918094195
Weight per piece (including packing)
0.25 g
Weight per piece (excluding packing)
0.242 g
Customs tariff number
85369010
Country of origin
DE
AI 2,5 -18 BU - Ferrule
3200580
https://www.phoenixcontact.com/us/products/3200580
Sep 1, 2025, 8:09AM
Page 1 (7)


Similar Part No. - 3200580

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3200580 PHOENIX-3200580 Datasheet
143Kb / 4P
Ferrules With Insulating Collar According to DIN 46228-4
More results

Similar Description - 3200580

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1200108 PHOENIX-1200108 Datasheet
62Kb / 2P
Ferrule - AI 2,5-8 BU S1
03/10/2015
1200163 PHOENIX-1200163 Datasheet
64Kb / 3P
Ferrule - AI 0,75- 8 BU S1
1200281 PHOENIX-1200281 Datasheet
51Kb / 2P
Ferrule - AI-TWIN 2X 2,5 -16 BU
12/18/2019
1213200 PHOENIX-1213200 Datasheet
58Kb / 2P
Ferrule - AI 0,75- 8 BU -1000
3201364 PHOENIX-3201364 Datasheet
45Kb / 3P
Ferrule - AI 0,25- 8 BU
3201408 PHOENIX-3201408 Datasheet
101Kb / 3P
AI 2,5 - 8 BU-B
3201961 PHOENIX-3201961 Datasheet
67Kb / 3P
Ferrule - AI-XL 16 -12 BU
3240250 PHOENIX-3240250 Datasheet
47Kb / 3P
Ferrule - AI 0,25-8 BU-B
3240572 PHOENIX-3240572 Datasheet
52Kb / 3P
Ferrule - AI-WM 2,5-8 BU
3240667 PHOENIX-3240667 Datasheet
68Kb / 3P
Ferrule - AI 2,5-8 BU-B 1500
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com