Electronic Components Datasheet Search
  English  ▼

X  

3200580 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 3200580
Description  AI 2,5 -18 BU - Ferrule
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

3200580 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  3200580 Datasheet HTML 1Page - PHOENIX CONTACT 3200580 Datasheet HTML 2Page - PHOENIX CONTACT 3200580 Datasheet HTML 3Page - PHOENIX CONTACT 3200580 Datasheet HTML 4Page - PHOENIX CONTACT 3200580 Datasheet HTML 5Page - PHOENIX CONTACT 3200580 Datasheet HTML 6Page - PHOENIX CONTACT 3200580 Datasheet HTML 7Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Technical data
Product properties
Product type
Cable end sleeve
Conductor category
stranded conductors, class 2, 5, 6 / B, C, K, M
UL certified
Made from soft tin-plated electrolytic copper
Correspond to the requirements of DIN 46228-1 and UL 486F in
terms of size
Plastic collar made of polypropylene
Halogen-free
Product property
Long/short-term temperature: +105°C/+120°C
Connection data
Conductor connection
Conductor cross-section flexible max.
2.5 mm²
Conductor cross-section AWG max.
14
Stripping length
21 mm
Dimensions
Dimensional drawing
Sleeve length
24 mm
Length contact range
18 mm
Maximum stripping length
21 mm
Ferrule diameter
2.3 mm
Sleeve wall thickness
0.15 mm
Insulating collar thickness
0.3 mm
Inner dimensions of the insulating collar
4.2 mm
Material specifications
Color
blue (RAL 5015)
Material
CU-DHP
Flammability rating according to UL 94
HB
Coating
galvanically tin-plated
Surface characteristics
Tin-plated
Components
free from silicone and halogen
Mechanical properties
Technical data
AI 2,5 -18 BU - Ferrule
3200580
https://www.phoenixcontact.com/us/products/3200580
Sep 1, 2025, 8:09AM
Page 2 (7)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com