Electronic Components Datasheet Search
  English  ▼

X  

MT7682SN Datasheet(PDF) 25 Page - MediaTek Inc.

Part # MT7682SN
Description  IEEE 802.11 b/g/n (2.4GHz, 1x1)
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEDIATEK [MediaTek Inc.]
Direct Link  https://www.mediatek.com/
Logo MEDIATEK - MediaTek Inc.

MT7682SN Datasheet(HTML) 25 Page - MediaTek Inc.

Back Button MT7682SN Datasheet HTML 21Page - MediaTek Inc. MT7682SN Datasheet HTML 22Page - MediaTek Inc. MT7682SN Datasheet HTML 23Page - MediaTek Inc. MT7682SN Datasheet HTML 24Page - MediaTek Inc. MT7682SN Datasheet HTML 25Page - MediaTek Inc. MT7682SN Datasheet HTML 26Page - MediaTek Inc. MT7682SN Datasheet HTML 27Page - MediaTek Inc. MT7682SN Datasheet HTML 28Page - MediaTek Inc. MT7682SN Datasheet HTML 29Page - MediaTek Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 49 page
background image
MT7682 Datasheet
© 2017 MediaTek Inc.
Page 24 of 48
This document contains information that is proprietary to MediaTek Inc. (“MediaTek”) and/or its licensor(s).
Any unauthorized use, reproduction or disclosure of this document in whole or in part is strictly prohibited.
5.
Pin Description
5.1.
MT7682 pin list
For MT7682S, a QFN 5mm*5mm, 40-pin, 0.4mm pitch package is offered. Pin-outs and the top view for this
package are shown in Figure 5.1-1.
Figure 5.1-1. MT7682S pin diagram and top view
5.1.1.
MT7682 pin coordination
Table 5.1-1. MT7682S pin coordinates
Pin#
Net name
Pin#
Net name
Pin#
Net name
1
AVDD33_WF0_G_TX
2
WF0_G_RFIO
3
AVDD33_WF0_G_PA
4
GPIO17
5
GPIO16
6
GPIO15
7
GPIO14
8
DVDD_IO_0
9
GPIO13
10
GPIO12
11
GPIO11
12
DVDD_CORE
13
XIN
14
XOUT
15
RTC_EINT
16
AVDD33_VRTC
17
EXT_PWR_EN
18
AVSS
40
39
38
37
36
35
34
33
32
31
1 AVDD33_WF0_G_TX
DVDD_IO_1
30
2 WF0_G_RFIO
GPIO21
29
3 AVDD33_WF0_G_PA
GPIO22
28
4 GPIO17
DVDD_MLDO
27
5 GPIO16
LXBK
26
6 GPIO15
AVSS33_BUCK
25
7 GPIO14
AVDD33_BUCK
24
8 DVDD_IO_0
AVDD15_CLDO
23
9 GPIO13
AVDD12_CLDO
22
10 GPIO12
AVDD18_MLDO
21
MT7682
11
12
13
14
15
16
17
18
19
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com