Electronic Components Datasheet Search
  English  ▼

X  

MT7682SN Datasheet(PDF) 13 Page - MediaTek Inc.

Part # MT7682SN
Description  IEEE 802.11 b/g/n (2.4GHz, 1x1)
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEDIATEK [MediaTek Inc.]
Direct Link  https://www.mediatek.com/
Logo MEDIATEK - MediaTek Inc.

MT7682SN Datasheet(HTML) 13 Page - MediaTek Inc.

Back Button MT7682SN Datasheet HTML 9Page - MediaTek Inc. MT7682SN Datasheet HTML 10Page - MediaTek Inc. MT7682SN Datasheet HTML 11Page - MediaTek Inc. MT7682SN Datasheet HTML 12Page - MediaTek Inc. MT7682SN Datasheet HTML 13Page - MediaTek Inc. MT7682SN Datasheet HTML 14Page - MediaTek Inc. MT7682SN Datasheet HTML 15Page - MediaTek Inc. MT7682SN Datasheet HTML 16Page - MediaTek Inc. MT7682SN Datasheet HTML 17Page - MediaTek Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 49 page
background image
MT7682 Datasheet
© 2017 MediaTek Inc.
Page 12 of 48
This document contains information that is proprietary to MediaTek Inc. (“MediaTek”) and/or its licensor(s).
Any unauthorized use, reproduction or disclosure of this document in whole or in part is strictly prohibited.
2.2.
Boot source
There are three options of boot source:
•
Serial flash
•
SPI slave (to load binary from host)
•
SDIO slave (to load binary from host)
The host may transmit a binary through SPI slave or SDIO slave to internal system memory (SRAM). The MCU
(Cortex-M4) can execute on SRAM after transmission is complete. The boot source in boot ROM is determined
according to the flowchart shown in Figure 2.2-1. HIF_EN and HIF_SEL can be configured at power up using by
GPIO_4 and GPIO_13, respectively.
Boot from SDIO slave
HIF_EN = 1?
HIF_SEL = 1?
Boot from SPI slave
Boot from Serial flash
Y
N
Y
N
Figure 2.2-1. Boot source determination flow
2.3.
Clock architecture
The clock controller (see below Figure 2.3-1) distributes the clocks coming from different oscillators to the core
and the peripherals. It also manages clock gating for low-power modes and ensures clock robustness. It features:
•
Clock prescaler. To get the best trade-off between speed and current consumption, the clock frequency
to the CPU and peripherals can be adjusted by a programmable prescaler.
•
Safe clock switching. Clock sources can be changed safely at runtime through a configuration register.
•
Clock management. To reduce the power consumption, the clock controller can stop the clock to the
core, individual peripherals or memory. The AHB and APB clock supports Dynamic Clock Management
(DCM) with a dynamic clock slow down or gating when the bus fabric is idle.
•
System clock source. Two different clock sources can be used to drive the master clock (FCPU and FBUS):
o 26 MHz/40MHz Crystal Oscillator (XO), that can supply reference clock for PLLs.
o Baseband PLL1 (BBPLL1) which reference clock is XO, with a maximum frequency at 1040MHz.
o Baseband PLL2 (BBPLL2) which reference clock is XO or divided from BBPLL1, with a fixed frequency
at 960MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com