Electronic Components Datasheet Search
  English  ▼

X  

3200739 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # 3200739
Description  AI 25 -22 BK - Ferrule
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

3200739 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  3200739 Datasheet HTML 1Page - PHOENIX CONTACT 3200739 Datasheet HTML 2Page - PHOENIX CONTACT 3200739 Datasheet HTML 3Page - PHOENIX CONTACT 3200739 Datasheet HTML 4Page - PHOENIX CONTACT 3200739 Datasheet HTML 5Page - PHOENIX CONTACT 3200739 Datasheet HTML 6Page - PHOENIX CONTACT 3200739 Datasheet HTML 7Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Sleeve length
36 mm
Environmental and real-life conditions
Ambient conditions
Permanent temperature
105 °C (-40 °C no load / 0 °C dynamic load)
Short-term temperature
120 °C
Standards and regulations
Design according to standard
UL 486F-E, NF C 63-023
AI 25 -22 BK - Ferrule
3200739
https://www.phoenixcontact.com/us/products/3200739
Sep 1, 2025, 7:33AM
Page 3 (7)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com