Electronic Components Datasheet Search
  English  ▼

X  

3200739 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 3200739
Description  AI 25 -22 BK - Ferrule
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

3200739 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  3200739 Datasheet HTML 1Page - PHOENIX CONTACT 3200739 Datasheet HTML 2Page - PHOENIX CONTACT 3200739 Datasheet HTML 3Page - PHOENIX CONTACT 3200739 Datasheet HTML 4Page - PHOENIX CONTACT 3200739 Datasheet HTML 5Page - PHOENIX CONTACT 3200739 Datasheet HTML 6Page - PHOENIX CONTACT 3200739 Datasheet HTML 7Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Ferrule, Length contact range: 22 mm, sleeve length: 36 mm, color: black
Your advantages
In terms of dimensions, these ferrules conform to DIN 46228-4: 1990-09
•
The color code of the plastic insulating collar is based on the French standard NF C 63-023: 1994-02
•
The metal sleeves are made from soft tin-plated electrolytic copper
•
Commercial data
Item number
3200739
Packing unit
50 pc
Minimum order quantity
50 pc
Sales key
BH34
Product key
BH3411
GTIN
4017918094324
Weight per piece (including packing)
1.463 g
Weight per piece (excluding packing)
1.46 g
Customs tariff number
85369010
Country of origin
DE
AI 25 -22 BK - Ferrule
3200739
https://www.phoenixcontact.com/us/products/3200739
Sep 1, 2025, 7:33AM
Page 1 (7)


Similar Part No. - 3200739

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3200739 PHOENIX-3200739 Datasheet
143Kb / 4P
Ferrules With Insulating Collar According to DIN 46228-4
More results

Similar Description - 3200739

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1200107 PHOENIX-1200107 Datasheet
65Kb / 2P
Ferrule - AI 1,5-8 BK S1
1208872 PHOENIX-1208872 Datasheet
46Kb / 3P
Ferrule - AI 1,5 -10 BK-GB-1000
3200111 PHOENIX-3200111 Datasheet
65Kb / 3P
Ferrule - AI 6 -18 GN
3200700 PHOENIX-3200700 Datasheet
61Kb / 3P
Ferrule - AI 25 -22 YE
3200713 PHOENIX-3200713 Datasheet
68Kb / 3P
Ferrule - AI 35 -25 RD
3201084 PHOENIX-3201084 Datasheet
66Kb / 3P
Ferrule - AI 25 -16 BN
3201534 PHOENIX-3201534 Datasheet
50Kb / 2P
Ferrule - AI-TWIN 2X 1,5 -10 BK
3202892 PHOENIX-3202892 Datasheet
58Kb / 3P
Ferrule - AI 1,5 - 8 BK-GB-1000
3240666 PHOENIX-3240666 Datasheet
68Kb / 3P
Ferrule - AI 1,5-8 BK-B 2500
1200310 PHOENIX-1200310 Datasheet
57Kb / 3P
Ferrule - AI 1,5 -12 BK -1000
09/12/2020
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com