Electronic Components Datasheet Search
  English  ▼

X  

ISL78227 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # ISL78227
Description  2-Phase Boost Controller with Integrated Drivers
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL78227 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button ISL78227 Datasheet HTML 9Page - Renesas Technology Corp ISL78227 Datasheet HTML 10Page - Renesas Technology Corp ISL78227 Datasheet HTML 11Page - Renesas Technology Corp ISL78227 Datasheet HTML 12Page - Renesas Technology Corp ISL78227 Datasheet HTML 13Page - Renesas Technology Corp ISL78227 Datasheet HTML 14Page - Renesas Technology Corp ISL78227 Datasheet HTML 15Page - Renesas Technology Corp ISL78227 Datasheet HTML 16Page - Renesas Technology Corp ISL78227 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 44 page
background image
ISL78227
FN8808 Rev.6.02
Page 13 of 43
Feb 28, 2025
NEGATIVE CURRENT CYCLE-BY-CYCLE LIMITNG (OC_NEG)
Negative Current Cycle-by-Cycle Limit
Threshold for Individual Phase
VOC_NEG
Negative Current Cycle-by-Cycle Limit
(IOC_NEG_TH = -48µA, compared with
ISENx).
Measures the voltage threshold before
RSETx at CSA Inputs (equivalent to the
voltage across the current sense shunt
resistor), RSET = 665Ω (0.1%)
-32
mV
AVERAGE CONSTANT CURRENT CONTROL LOOP
IMON Current Accuracy
VRSENx=30mV, RSETx = 665Ω (0.1%),with
ISENxP/N pins biased at 4V or 55V
common-mode voltage
27.0
28.3
29.5
µA
IMON Offset Current
VRSENx = 0V, RSET = 665Ω (0.1%), with
ISENxP/N pins biased at 4V or 55V
common-mode voltage
16
17
18
µA
Constant Current Control Reference
Accuracy
VREFCC
Measure the IMON pin
1.575
1.600
1.625
V
AVERAGE OVERCURRENT FAULT PROTECTION OC_AVG, (Refer to “Average Overcurrent Fault (OC_AVG) Protection” on page 36 for details)
OC_AVG Fault Threshold at the IMON Pin
1.9
2.0
2.1
V
OC_AVG Fault Trip Delay
1
µs
GATE DRIVERS
UG Source Resistance
RUG_SOURCE
100mA source current, VBOOT - VPH = 4.4V
1.2
Ω
UG Source Current
IUG_SOURCE
VUG - VPH = 2.5V, VBOOT - VPH = 4.4V
2
A
UG Sink Resistance
RUG_SINK
100mA sink current, VBOOT - VPH = 4.4V
0.6
Ω
UG Sink Current
IUG_SINK
VUG - VPH = 2.5V, VBOOT - VPH = 4.4V
2.0
A
LG Source Resistance
RLG_SOURCE
100mA source current, PVCC = 5.2V
1.2
Ω
LG Source Current
ILG_SOURCE
VLG - PGND = 2.5V, PVCC = 5.2V
2.0
A
LG Sink Resistance
RLG_SINK
100mA sink current, PVCC = 5.2V
0.55
Ω
LG Sink Current
ILG_SINK
VLG - PGND = 2.5V, PVCC = 5.2V
3
A
UG to PH Internal Resistor
50
kΩ
LG to PGND Internal Resistor
50
kΩ
BOOT-PH UVLO Detection Threshold
2.8
3.0
3.2
V
BOOT-PH UVLO Detection Threshold
Hysteresis
0.09
0.15
0.22
V
Dead Time Delay - UG Falling to LG Rising
tDT1
CUG = CLG = OPEN, RDT = 10k (0.1%)
55
70
85
ns
Dead Time Delay - LG Falling to UG Rising
tDT2
CUG = CLG = OPEN, RDT = 10k (0.1%)
65
80
95
ns
Dead Time Delay - UG Falling to LG rising
tDT1
CUG = CLG = OPEN, RDT = 18.2kΩ (0.1%)
85
100
115
ns
Dead Time Delay - LG Falling to UG Rising
tDT2
CUG = CLG = OPEN, RDT = 18.2kΩ (0.1%)
95
110
125
ns
Dead Time Delay - UG Falling to LG Rising
tDT1
CUG = CLG = OPEN, RDT = 50kΩ (0.1%)
185
210
240
ns
Dead Time Delay - LG Falling to UG Rising
tDT2
CUG = CLG = OPEN, RDT = 50kΩ (0.1%)
205
230
260
ns
Dead Time Delay - UG Falling to LG Rising
tDT1
CUG = CLG = OPEN, RDT = 64.9kΩ (0.1%)
235
265
295
ns
Dead Time Delay - LG Falling to UG Rising
tDT2
CUG = CLG = OPEN, RDT = 64.9kΩ (0.1%)
260
290
320
ns
Electrical Specifications Refer to Figure 3 on page 7 and Typical Application Schematics (page 8). Operating conditions unless
otherwise noted: VIN = 12V, VPVCC = 5.2V and VVCC = 5.2V, TA = -40°C to +125°C (Note 7). Typical values are at TA = +25°C. Boldface limits apply across
the operating temperature range, -40°C to +125°C. (Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
(Note 6)
TYP
MAX
(Note 6) UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com