Electronic Components Datasheet Search
  English  ▼

X  

ISL78227 Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # ISL78227
Description  2-Phase Boost Controller with Integrated Drivers
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL78227 Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button ISL78227 Datasheet HTML 17Page - Renesas Technology Corp ISL78227 Datasheet HTML 18Page - Renesas Technology Corp ISL78227 Datasheet HTML 19Page - Renesas Technology Corp ISL78227 Datasheet HTML 20Page - Renesas Technology Corp ISL78227 Datasheet HTML 21Page - Renesas Technology Corp ISL78227 Datasheet HTML 22Page - Renesas Technology Corp ISL78227 Datasheet HTML 23Page - Renesas Technology Corp ISL78227 Datasheet HTML 24Page - Renesas Technology Corp ISL78227 Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 44 page
background image
ISL78227
FN8808 Rev.6.02
Page 21 of 43
Feb 28, 2025
FIGURE 35. IC OPERATIONAL QUIESCENT CURRENT vs
TEMPERATURE, IC NOT SWITCHING
FIGURE 36. VREF_CC SYSTEM ACCURACY vs TEMPERATURE,
MEASURED AT THE IMON PIN, VREF_CC = 1.6V
FIGURE 37. IMON OUTPUT CURRENT ACCURACY
(CURRENT-SENSING SIGNAL OUTPUT) vs
TEMPERATURE, VRSENx = 30mV, RSETx = 665Ω (0.1%)
FIGURE 38. VREF_1.6V SYSTEM ACCURACY vs TEMPERATURE,
MEASURED AT THE FB PIN
FIGURE 39. INTERNAL LDO DROPOUT VOLTAGE vs TEMPERATURE,
80mA LOAD CURRENT ON LDO OUTPUT (PVCC)
FIGURE 40. INTERNAL LDO OVERCURRENT THRESHOLD AND ITS
FOLDBACK OVERCURRENT THRESHOLD vs
TEMPERATURE
Performance Curves Unlessotherwisespecified,operating conditionsfortheoscilloscopewaveformsareV
IN = 12V,
VOUT = 36V, and TA = +25°C. (Continued)
0
1
2
3
4
5
6
7
8
9
10
-50
-25
0
25
50
75
100
125
150
TEMPERATURE (°C)
1.590
1.591
1.592
1.593
1.594
1.595
1.596
1.597
1.598
1.599
1.600
1.601
1.602
1.603
1.604
1.605
1.606
1.607
1.608
1.609
1.610
-50
-25
0
25
50
75
100
125
150
TEMPERATURE (°C)
26.0
26.5
27.0
27.5
28.0
28.5
29.0
-50
-25
0
25
50
75
100
125
150
TEMPERATURE (°C)
VIN = 55V
VIN = 4V
1.590
1.591
1.592
1.593
1.594
1.595
1.596
1.597
1.598
1.599
1.600
1.601
1.602
1.603
1.604
1.605
1.606
1.607
1.608
1.609
1.610
-50
-25
0
25
50
75
100
125
150
TEMPERATURE (°C)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
-50
-25
0
25
50
75
100
125
150
TEMPERATURE (°C)
50
60
70
80
90
100
110
120
130
140
150
160
170
180
190
200
210
220
-50
-25
0
25
50
75
100
125
150
TEMPERATURE (°C)
IO C_LDO (mA)
IOCFB_LD O (mA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com