Electronic Components Datasheet Search
  English  ▼

X  

TPS53014DGS Datasheet(PDF) 3 Page - Texas Instruments

Part # TPS53014DGS
Description  TPS53014 4.5-V to 28-V Input, D-CAP2™ synchronous buck controller
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS53014DGS Datasheet(HTML) 3 Page - Texas Instruments

  TPS53014DGS Datasheet HTML 1Page - Texas Instruments TPS53014DGS Datasheet HTML 2Page - Texas Instruments TPS53014DGS Datasheet HTML 3Page - Texas Instruments TPS53014DGS Datasheet HTML 4Page - Texas Instruments TPS53014DGS Datasheet HTML 5Page - Texas Instruments TPS53014DGS Datasheet HTML 6Page - Texas Instruments TPS53014DGS Datasheet HTML 7Page - Texas Instruments TPS53014DGS Datasheet HTML 8Page - Texas Instruments TPS53014DGS Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
TPS53014
SW
DRVL
DRVH
VBST
EN
VFB
VREG5
SS
PGND
VIN
1
2
3
4
5
6
7
8
9
10
3
TPS53014
www.ti.com
SLVSBF1A – MAY 2012 – REVISED FEBRUARY 2019
Product Folder Links: TPS53014
Submit Documentation Feedback
Copyright © 2012–2019, Texas Instruments Incorporated
5 Pin Configuration and Functions
DGS Package
10-Pin VSSOP
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NAME
VSSOP-10
VFB
1
I
D-CAP2 feedback input. Connect to output voltage with resistor divider.
SS
2
O
Soft start programming pin. Connect capacitor from SS pin to GND to program soft start time.
VREG5
3
O
Output of 5-V linear regulator and supply for MOSFET driver. Bypass to GND with a minimum 4.7-μF high
quality ceramic capacitor. VREG5 is active when EN is asserted high.
EN
4
I
Enable. Pull High to enable converter.
VIN
5
I
Supply Input for 5-V linear regulator. Bypass to GND with a minimum 0.1-μF high quality ceramic capacitor.
PGND
6
I
System ground.
DRVL
7
O
Low-side N-Channel MOSFET gate driver output. PGND referenced driver switches between PGND(OFF)
and VREG5(ON).
SW
8
I/O
Switch node connections for both the high-side driver and over current comparator.
DRVH
9
O
High-side N-channel MOSFET gate driver output. SW referenced driver switches between SW(OFF) and
VBST(ON).
VBST
10
I
High-side MOSFET gate driver bootstrap voltage input. Connect a capacitor from VBST to SW. An internal
diode is connected between VREG5 and VBST



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com