Electronic Components Datasheet Search
  English  ▼

X  

TPS53014DGS Datasheet(PDF) 10 Page - Texas Instruments

Part # TPS53014DGS
Description  TPS53014 4.5-V to 28-V Input, D-CAP2™ synchronous buck controller
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS53014DGS Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS53014DGS Datasheet HTML 6Page - Texas Instruments TPS53014DGS Datasheet HTML 7Page - Texas Instruments TPS53014DGS Datasheet HTML 8Page - Texas Instruments TPS53014DGS Datasheet HTML 9Page - Texas Instruments TPS53014DGS Datasheet HTML 10Page - Texas Instruments TPS53014DGS Datasheet HTML 11Page - Texas Instruments TPS53014DGS Datasheet HTML 12Page - Texas Instruments TPS53014DGS Datasheet HTML 13Page - Texas Instruments TPS53014DGS Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
V
= 1.05 V
O
V
(20 mV/div ac coupled)
O
SW (5 V/div)
Time (10 µsec/div)
V
= 1.05 V
O
V
(50 mV/div ac coupled)
IN
SW (5 V/div)
Time (1 µsec/div)
0
10
20
30
40
50
60
70
80
90
100
0.001
0.01
0.1
1
10
Output Current (A)
VOUT = 1.05 V
VOUT = 1.8 V
VOUT = 3.3 V
VIN = 12 V
G013
V
= 1.05 V
O
V
(20 mV/div ac coupled)
O
SW (5 V/div)
Time (1 µsec/div)
10
TPS53014
SLVSBF1A – MAY 2012 – REVISED FEBRUARY 2019
www.ti.com
Product Folder Links: TPS53014
Submit Documentation Feedback
Copyright © 2012–2019, Texas Instruments Incorporated
Typical Characteristics (continued)
VIN = 12 V, TA= 25°C (unless otherwise noted)
Figure 13. Light Load Efficiency
Figure 14. Output Voltage Ripple, IOUT = 8 A
Figure 15. Output Voltage Ripple, IOUT = 50 mA
Figure 16. Input Voltage Ripple, IOUT = 8 A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com