Electronic Components Datasheet Search
  English  ▼

X  

TPS53015DGS Datasheet(PDF) 8 Page - Texas Instruments

Part # TPS53015DGS
Description  TPS53015 4.5-V to 28-V Input, D-CAP2TM Synchronous Step-Buck Converter With PGOOD
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS53015DGS Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS53015DGS Datasheet HTML 4Page - Texas Instruments TPS53015DGS Datasheet HTML 5Page - Texas Instruments TPS53015DGS Datasheet HTML 6Page - Texas Instruments TPS53015DGS Datasheet HTML 7Page - Texas Instruments TPS53015DGS Datasheet HTML 8Page - Texas Instruments TPS53015DGS Datasheet HTML 9Page - Texas Instruments TPS53015DGS Datasheet HTML 10Page - Texas Instruments TPS53015DGS Datasheet HTML 11Page - Texas Instruments TPS53015DGS Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
0
10
20
30
40
50
60
70
80
0
5
10
15
20
25
30
EN Input Voltage (V)
VIN = 12 V
G003
0
100
200
300
400
500
600
−50
0
50
100
150
Junction Temperature (°C)
VOUT = 1.05 V
VOUT = 1.8 V
VOUT = 3.3 V
IOUT = 3 A
G004
0
200
400
600
800
1000
1200
−50
0
50
100
150
Junction Temperature (°C)
VIN = 12 V
G001
0
2
4
6
8
10
12
−50
0
50
100
150
Junction Temperature (°C)
VIN = 12 V
G002
8
TPS53015
SLVSBF0C – JULY 2012 – REVISED APRIL 2019
www.ti.com
Product Folder Links: TPS53015
Submit Documentation Feedback
Copyright © 2012–2019, Texas Instruments Incorporated
6.6 Typical Characteristics
VIN = 12 V, TA= 25°C (unless otherwise noted)
Figure 1. VIN Supply Current vs Junction Temperature
Figure 2. VIN Shutdown Current vs Junction Temperature
Figure 3. EN Input Current vs EN Input Voltage
Figure 4. Switching Frequency vs Junction Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com