Electronic Components Datasheet Search
  English  ▼

X  

TPS53015DGS Datasheet(PDF) 13 Page - Texas Instruments

Part # TPS53015DGS
Description  TPS53015 4.5-V to 28-V Input, D-CAP2TM Synchronous Step-Buck Converter With PGOOD
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS53015DGS Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS53015DGS Datasheet HTML 9Page - Texas Instruments TPS53015DGS Datasheet HTML 10Page - Texas Instruments TPS53015DGS Datasheet HTML 11Page - Texas Instruments TPS53015DGS Datasheet HTML 12Page - Texas Instruments TPS53015DGS Datasheet HTML 13Page - Texas Instruments TPS53015DGS Datasheet HTML 14Page - Texas Instruments TPS53015DGS Datasheet HTML 15Page - Texas Instruments TPS53015DGS Datasheet HTML 16Page - Texas Instruments TPS53015DGS Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
8
SW
XCON
9
DRVH
10 VBST
VREG
UV
± 32%
1
VFB
Control Logic
+
+20%
OV
6
PGND
+
2
PG
4
EN
+
+
REF
SS
+ 16%
+
± 16%
+
Enable
Logic
SS Logic
UV
Protection
Logic
OV
UVLO
TSD
7
DRVL
One-
Shot
VREG
5
VIN
3
VREG5
VREG5
UVLO
REF
REF
+
OCL
10 µA
ADC
SW
Copyright © 2016, Texas Instruments Incorporated
13
TPS53015
www.ti.com
SLVSBF0C – JULY 2012 – REVISED APRIL 2019
Product Folder Links: TPS53015
Submit Documentation Feedback
Copyright © 2012–2019, Texas Instruments Incorporated
7 Detailed Description
7.1 Overview
The TPS53015 is single synchronous step-down buck controller. It operates using D-CAP2 mode control. The
fast transient response of D-CAP2 control reduces the required amount of output capacitance to meet a specific
level of performance. Proprietary internal circuitry allows the use of low-ESR output capacitors including ceramic
and special polymer types.
7.2 Functional Block Diagram
7.3 Feature Description
7.3.1 Drivers
The TPS53015 device contains two high-current resistive MOSFET gate drivers. The low-side driver is a PGND
referenced, VREG5 powered driver designed to drive the gate of a high-current, low RDS(on) N-channel MOSFET
whose source is connected to PGND. The high-side driver is a floating SW referenced, VBST powered driver
designed to drive the gate of a high-current, low RDS(on) N-channel MOSFET. To maintain the VBST voltage
during the high-side driver ON-time, a capacitor is placed from SW to VBST. Each driver draws average current
equal to gate charge (Qg and Vgs = 5 V) times switching frequency (fSW). To prevent cross-conduction, there is a
narrow dead-time when both high-side and low-side drivers are OFF between each driver transition. During this
time the inductor current is carried by one of the MOSFETs body diodes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com