Electronic Components Datasheet Search
  English  ▼

X  

TPS54233 Datasheet(PDF) 2 Page - Texas Instruments

Part # TPS54233
Description  2-A, 28-V INPUT, STEP-DOWN DC/DC CONVERTER WITH ECO-MODE™
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS54233 Datasheet(HTML) 2 Page - Texas Instruments

  TPS54233 Datasheet HTML 1Page - Texas Instruments TPS54233 Datasheet HTML 2Page - Texas Instruments TPS54233 Datasheet HTML 3Page - Texas Instruments TPS54233 Datasheet HTML 4Page - Texas Instruments TPS54233 Datasheet HTML 5Page - Texas Instruments TPS54233 Datasheet HTML 6Page - Texas Instruments TPS54233 Datasheet HTML 7Page - Texas Instruments TPS54233 Datasheet HTML 8Page - Texas Instruments TPS54233 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
TPS54233-Q1
SLUSAZ7A – MARCH 2012 – REVISED MARCH 2012
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
DESCRIPTION CONTINUED
For additional design needs, see:
TPS54231-Q1
TPS54232-Q1
TPS54331-Q1
TPS54332-Q1
TPS54233-Q1
(Preview)
(Preview)
(Preview)
(Preview)
IO(Max)
2A
2A
2A
3A
3.5A
Input Voltage Range
3.5V - 28V
3.5V - 28V
3.5V - 28V
3.5V - 28V
3.5V - 28V
Switching Freq. (Typ)
570kHz
1000kHz
285kHz
570kHz
1000kHz
Switch Current Limit (Min)
2.3A
2.3A
2.3A
3.5A
4.2A
Pin/Package
8SOIC
8SOIC
8SOIC
8SOIC
8SO PowerPAD™
ORDERING INFORMATION(1)
TA
PACKAGE
SWITCHING FREQUENCY
PART NUMBER(2)
–40°C to +125°C
8 pin SOIC
300 kHz
TPS54233QDRQ1
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
(2)
See applications section of data sheet for layout information.
ABSOLUTE MAXIMUM RATINGS
(1)
over operating free-air temperature range (unless otherwise noted)
VALUE
UNIT
MIN
MAX
VIN
–0.3
30
EN
–0.3
6
BOOT
38
Input Voltage
V
VSENSE
–0.3
3
COMP
–0.3
3
SS
–0.3
3
BOOT-PH
8
Output Voltage
PH
–0.6
30
V
PH (10 ns transient from ground to negative peak)
–5
EN
100
μA
BOOT
100
mA
Source Current
VSENSE
10
μA
PH
6
A
VIN
6
A
Sink Current
COMP
100
μA
SS
200
Human body model (HBM) AEC-Q100 Classification Level H2
2
kV
Electrostatic Discharge
Charged device model (CDM) AEC-Q100 Classification Level C3B
750
V
Operating Junction Temperature
–40
+150
°C
Storage Temperature
–65
+150
°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
2
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Link(s): TPS54233-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com