Electronic Components Datasheet Search
  English  ▼

X  

TPS54233 Datasheet(PDF) 13 Page - Texas Instruments

Part # TPS54233
Description  2-A, 28-V INPUT, STEP-DOWN DC/DC CONVERTER WITH ECO-MODE™
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS54233 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS54233 Datasheet HTML 9Page - Texas Instruments TPS54233 Datasheet HTML 10Page - Texas Instruments TPS54233 Datasheet HTML 11Page - Texas Instruments TPS54233 Datasheet HTML 12Page - Texas Instruments TPS54233 Datasheet HTML 13Page - Texas Instruments TPS54233 Datasheet HTML 14Page - Texas Instruments TPS54233 Datasheet HTML 15Page - Texas Instruments TPS54233 Datasheet HTML 16Page - Texas Instruments TPS54233 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
)
2
/(
1
max
_
min
_
CO
O
O
F
R
C
´
´
´
=
p
ú
û
ù
ê
ë
é
+
´
´
-
=
E S R
O
S W
L P P
O P P
R
C
F
D
I
V
4
)
5
.
0
(
(
)
OPPMAX
max
LPP
SW
O
D
0.5
V
ESR
=
I
4
F
C
-
-
´
´
(
)
12
OUT
IN(MAX)
OUT
COUT(RMS)
IN(MAX)
OUT
SW
C
V
×
V
V
1
I
=
×
V
× L
× F
× N
æ
ö
-
ç
÷
ç
÷
è
ø
TPS54233-Q1
www.ti.com
SLUSAZ7A – MARCH 2012 – REVISED MARCH 2012
Capacitor Selection
The important design factors for the output capacitor are dc voltage rating, ripple current rating, and equivalent
series resistance (ESR). The dc voltage and ripple current ratings cannot be exceeded. The ESR is important
because along with the inductor current it determines the amount of output ripple voltage. The actual value of the
output capacitor is not critical, but some practical limits do exist. Consider the relationship between the desired
closed loop crossover frequency of the design and LC corner frequency of the output filter. In general, it is
desirable to keep the closed loop crossover frequency at less than 1/5 of the switching frequency. With high
switching frequencies such as the 300 kHz frequency of this design, internal circuit limitations of the TPS54233-
Q1 limit the practical maximum crossover frequency to about 25 kHz. In general, the closed loop crossover
frequency should be higher than the corner frequency determined by the load impedance and the output
capacitor. This limits the minimum capacitor value for the output filter to:
(11)
Where RO is the output load impedance (VO/IO) and fCO is the desired crossover frequency. For a desired
maximum crossover of 25 kHz the minimum value for the output capacitor is around 3.8
μF. This may not satisfy
the output ripple voltage requirement. The output ripple voltage consists of two components; the voltage change
due to the charge and discharge of the output filter capacitance and the voltage change due to the ripple current
times the ESR of the output filter capacitor. The output ripple voltage can be estimated by:
(12)
Where NC is the number of output capacitors in parallel.
The maximum ESR of the output capacitor is determined by the amount of allowable output ripple as specified in
the initial design parameters; so the maximum specified ESR as listed in the capacitor data sheet is given by
Equation 13:
(13)
Where
ΔVp-p is the desired peak-to-peak output ripple.
To meet the 100 mV p-p ripple requirement, a single 470
μF aluminum electrolytic output capacitor is chosen for
C9. This is a Panasonic, EEVFK1A471P rated at 10 V with a maximum ESR of 160 m
Ω and a ripple current
rating of 600 mA.
The maximum RMS output ripple current can be calculated using Equation 14
(14)
The calculated total RMS ripple current is 216 mA and the maximum total ESR required is 43 m
Ω. These output
capacitors exceed the requirements by a wide margin and will result in a reliable, high-performance design. The
selected output capacitor must be rated for a voltage greater than the desired output voltage plus = the ripple
voltage. Any derating amount must also be included.
Other capacitor types work well with the TPS54233-Q1, depending on the needs of the application.
COMPENSATION COMPONENTS
The external compensation used with the TPS54233-Q1 allows for a wide range of output filter configurations. A
large range of capacitor values and types of dielectric are supported. The design example uses ceramic X5R
dielectric output capacitors, but other types are supported.
A Type II compensation scheme is recommended for the TPS54233-Q1. The compensation components are
chosen to set the desired closed loop cross over frequency and phase margin for output filter components. The
type II compensation has the following characteristics; a dc gain component, a low frequency pole, and a mid
frequency zero / pole pair.
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s): TPS54233-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com