Electronic Components Datasheet Search
  English  ▼

X  

IP5305 Datasheet(PDF) 4 Page - Injoinic Technology Co.,Ltd.

Part # IP5305
Description  Fully-Integrated Bi-directional PD3.0 and Fast Charge Power Bank SOC with Multiple Input and Output Ports
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INJOINIC [Injoinic Technology Co.,Ltd.]
Direct Link  http://www.injoinic.com
Logo INJOINIC - Injoinic Technology Co.,Ltd.

IP5305 Datasheet(HTML) 4 Page - Injoinic Technology Co.,Ltd.

  IP5305 Datasheet HTML 1Page - Injoinic Technology Co.,Ltd. IP5305 Datasheet HTML 2Page - Injoinic Technology Co.,Ltd. IP5305 Datasheet HTML 3Page - Injoinic Technology Co.,Ltd. IP5305 Datasheet HTML 4Page - Injoinic Technology Co.,Ltd. IP5305 Datasheet HTML 5Page - Injoinic Technology Co.,Ltd. IP5305 Datasheet HTML 6Page - Injoinic Technology Co.,Ltd. IP5305 Datasheet HTML 7Page - Injoinic Technology Co.,Ltd. IP5305 Datasheet HTML 8Page - Injoinic Technology Co.,Ltd. IP5305 Datasheet HTML 9Page - Injoinic Technology Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
IP5328P
V1.2
Email: service@injoinic.com
4 / 28
Copyright © 2015, Injoinic Corp.
26
KEY
Key detect pin, reused as WLED torch light function.
27
VREG
3.1V Voltage output
28
BAT
Battery supply pin
29
AGND
Analog ground
30
VIN
VIN charge detect pin
31
VING
VIN charge input PMOS control pin
32
VBUS
VBUS charge detect pin
33
VBUSG
VBUS charge input PMOS control pin
34
VOUT2
VOUT2 discharge load detect pin
35
VOUT2G
VOUT2 discharge NMOS control pin
36
VOUT1G
VOUT1 discharge NMOS control pin
37
VOUT1
VOUT1 discharge load detect pin
38
DMA1
DM data line on VOUT1 USB port
39
DPA1
DP data line on VOUT1 USB port
40
DMA2
DM data line on VOUT2 USB port
41(EPAD)
GND
Power and dissipation ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com