Electronic Components Datasheet Search
  English  ▼

X  

IP5305 Datasheet(PDF) 19 Page - Injoinic Technology Co.,Ltd.

Part # IP5305
Description  Fully-Integrated Bi-directional PD3.0 and Fast Charge Power Bank SOC with Multiple Input and Output Ports
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INJOINIC [Injoinic Technology Co.,Ltd.]
Direct Link  http://www.injoinic.com
Logo INJOINIC - Injoinic Technology Co.,Ltd.

IP5305 Datasheet(HTML) 19 Page - Injoinic Technology Co.,Ltd.

Back Button IP5305 Datasheet HTML 15Page - Injoinic Technology Co.,Ltd. IP5305 Datasheet HTML 16Page - Injoinic Technology Co.,Ltd. IP5305 Datasheet HTML 17Page - Injoinic Technology Co.,Ltd. IP5305 Datasheet HTML 18Page - Injoinic Technology Co.,Ltd. IP5305 Datasheet HTML 19Page - Injoinic Technology Co.,Ltd. IP5305 Datasheet HTML 20Page - Injoinic Technology Co.,Ltd. IP5305 Datasheet HTML 21Page - Injoinic Technology Co.,Ltd. IP5305 Datasheet HTML 22Page - Injoinic Technology Co.,Ltd. IP5305 Datasheet HTML 23Page - Injoinic Technology Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
IP5328P
V1.2
Email: service@injoinic.com
19 / 28
Copyright © 2015, Injoinic Corp.
VSET (battery type set)
Battery type can be set by the VSET pin, accordingly, the battery level display threshold voltage and Constant
Voltage charging threshold voltage are changed at the same time. VSET resistor and battery type are listed below:
VSET resistor (Kohm)
Battery type
NC
4.2V
120
4.35V
68
4.4V
10
4.5V
NTC
IP5328P support NTC function used for battery temperature detection. NTC pin output 20uA
current then detect the voltage on NTC pin to determine the present battery temperature.
R1=82K
RNTC=100K
B=4250
VL=1.52V/1.44V
NTC
COMP
HT
LT
V=20uA*(R1//RNTC)
VH=0.43V
MT
VL=0.56V
C=100nF
Figure 5
Battery NTC comparator
Under charging state:
Voltage on NTC pin is 1.44V meaning the battery temperature is low -10 centigrade, stop charging the battery;
Voltage on NTC pin is 0.56V meaning the battery temperature is medium 45 centigrade, charging current half
down;
Voltage on NTC pin is 0.43V meaning the battery temperature is medium 55 centigrade, stop charging the
battery;
Under discharging state:
Voltage on NTC pin is 1.52V meaning the battery temperature is low -20 centigrade, stop discharging;
Voltage on NTC pin is 0.43V meaning the battery temperature is high 55 centigrade, stop discharging;
If NTC is not needed, NTC should serial a 51kOhm resistor to ground, do not float NTC or tie it to ground
directly.
VREG
VREG is a normally opened 3.3V LDO, load capacity is 30mA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com