Electronic Components Datasheet Search
  English  ▼

X  

IP5108 Datasheet(PDF) 9 Page - Injoinic Technology Co.,Ltd.

Part # IP5108
Description  Fully-Integrated Bi-directional PD3.0 and Fast Charge Power Bank SOC with Multiple Input and Output Ports
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INJOINIC [Injoinic Technology Co.,Ltd.]
Direct Link  http://www.injoinic.com
Logo INJOINIC - Injoinic Technology Co.,Ltd.

IP5108 Datasheet(HTML) 9 Page - Injoinic Technology Co.,Ltd.

Back Button IP5108 Datasheet HTML 5Page - Injoinic Technology Co.,Ltd. IP5108 Datasheet HTML 6Page - Injoinic Technology Co.,Ltd. IP5108 Datasheet HTML 7Page - Injoinic Technology Co.,Ltd. IP5108 Datasheet HTML 8Page - Injoinic Technology Co.,Ltd. IP5108 Datasheet HTML 9Page - Injoinic Technology Co.,Ltd. IP5108 Datasheet HTML 10Page - Injoinic Technology Co.,Ltd. IP5108 Datasheet HTML 11Page - Injoinic Technology Co.,Ltd. IP5108 Datasheet HTML 12Page - Injoinic Technology Co.,Ltd. IP5108 Datasheet HTML 13Page - Injoinic Technology Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
IP5328P
V1.2
Email: service@injoinic.com
9 / 28
Copyright © 2015, Injoinic Corp.
Charge
IP5328P integrated a constant current and constant voltage Li battery charging management system with
synchronous switch, adaptive to various charging voltage.
When the battery voltage is lower than 3V, trickle charging less than 200mA charging current is applied;
when the battery voltage is higher than 3V, enters constant current charging stage, the maximum charging current
at battery port is 5.0A; when the battery voltage is near the preset battery voltage, enters constant voltage
charging stage; when the charging current is less than 300mA and battery voltage is near the constant voltage
charging stage, the charging process is stopped. When the charging stage is accomplished, once the battery
voltage falls under 4.1V, battery charging stage will be restarted.
IP5328P adopted switch charging technology, switch frequency is 500kHz. During 5V input voltage, maximum
input power is 10W; During the fast charging state, maximum input power is 18W. The highest charging current is
up to 5.0A, charging efficiency can be up to 94%, such can reduce 3/4 charging time.
IP5328P will adjust charge current automatically applicable to adaptors with different load capacity.
IP5328P do not support charging the battery and phone at the same time, the output discharge port will be
close while charging the battery, in case the input high voltage will take damage on the device under charge.
Boost
IP5328P Integrated a synchronized switch converter which supports high voltage output, providing 5V~12V
output voltage output, load capacity can be: 5V/3.1A, 7V/2.4A, 9V/2.0A and 12V/1.5A. 375kHz switching frequency.
Internal soft start function. In avoid of large rush current causing device failure at start up stage, built-in
overcurrent, short circuit, overvoltage and over temperature protection function, make insurance of the stability
and reliability of power system.
Boost system output current can be auto-modulated according to the temperature, ensuring the IC is under
the preset temperature.
USB C
IP5328P integrated USB C DRP port, auto-switching the internal pull-up and pull-down circuit on CC1 and CC2
by distinguishing the role of the attached device. Support Try.SRC function, when the attached device is also DRP
device, IP5328P will supply power for the opposite device.
When worked as DFP, the output current can be set as three levels; when worked as UFP, the current
capability from the opposite device can be detected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com