Electronic Components Datasheet Search
  English  ▼

X  

IP5108 Datasheet(PDF) 1 Page - Injoinic Technology Co.,Ltd.

Part # IP5108
Description  Fully-Integrated Bi-directional PD3.0 and Fast Charge Power Bank SOC with Multiple Input and Output Ports
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INJOINIC [Injoinic Technology Co.,Ltd.]
Direct Link  http://www.injoinic.com
Logo INJOINIC - Injoinic Technology Co.,Ltd.

IP5108 Datasheet(HTML) 1 Page - Injoinic Technology Co.,Ltd.

  IP5108 Datasheet HTML 1Page - Injoinic Technology Co.,Ltd. IP5108 Datasheet HTML 2Page - Injoinic Technology Co.,Ltd. IP5108 Datasheet HTML 3Page - Injoinic Technology Co.,Ltd. IP5108 Datasheet HTML 4Page - Injoinic Technology Co.,Ltd. IP5108 Datasheet HTML 5Page - Injoinic Technology Co.,Ltd. IP5108 Datasheet HTML 6Page - Injoinic Technology Co.,Ltd. IP5108 Datasheet HTML 7Page - Injoinic Technology Co.,Ltd. IP5108 Datasheet HTML 8Page - Injoinic Technology Co.,Ltd. IP5108 Datasheet HTML 9Page - Injoinic Technology Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
IP5328P
http://www.injoinic.com/
1 / 28
Version 1.2
Fully-Integrated Bi-directional PD3.0 and Fast Charge Power Bank SOC
with Multiple Input and Output Ports
Features
Support multiple ports simultaneously
2 USB A output ports
1 USB B input port
1 USB C input/output port
Fast charge
Every port support fast charge
Support QC2.0/QC3.0 output
Qualcomm Certificate No.: 4788056908-2
Support FCP input/output
Support AFC input/output
Support SFCP input/output
Support MTK PE1.1&2.0 output
Support USB C DRP input/output
Support BC1.2, Apple, Samsung
Integrated USB Power Delivery (PD2.0/PD2.0)
protocol
Support PD2.0 bi-directional input/output protocol
Support PD3.0 input/output and PPS output
protocol
Support 5V, 9V voltage input
Support 5V, 9V, 12V voltage output
PPS support 5~12V adjustable voltage with
20mV/step
Integrate hardware biphase mark coding (BMC)
module
Integrate physical (PHY) layer for TX/RX across the
CC wire
Integrate hardware CRC calculation module
Support hard reset
Charger
Up to 5.0A charging current at battery port
Adaptive charging current adjustment
Support 4.20V, 4.35V, 4.40V, 4.50V batteries
Discharger
Current output capacity:
5V: 3.1A
9V: 2.0A
12V: 1.5A
Up to 95% @ 5V/2A discharge efficiency of
Synchronous switching
Support line compensate
Battery level display
Integrated 14-bit ADC and coulometer
Support 1/2/3/4 LED battery indicator
Auto recognition of LED number
Adjustable battery level curve, uniform brightness
Others
Integrated torch-light driver
Support auto detect of plug in and out
Fast charge status indicator
Support key control
Enter standby mode automatically in light load
Multiple protection, high reliability
Input overvoltage and under voltage protection
Output overcurrent, overvoltage and short circuit
protection
Battery overcharge, over discharge and overcurrent
protection
Over temperature protection
Battery NTC protection
4KV ESD, input voltage up to 25V (including CC pins)
Simplified BOM
Integrated switch power MOSFET
Single inductor for charging and discharging
In-depth customization
I2C interface for flexible and low cost customized
solution
Package pin to pin with IP5328
Package size: 6mm*6mm, 0.5mm pitch, QFN40
Applications
Power Bank, Portable Charger
Smart Phones, Tablets and Portable devices
Description
IP5328P is a fast charge power management SOC for total
solution on fast charge Power Bank. IP5328P support
QC2.0/QC3.0 output, FCP/AFC/SFCP input/output, MTK PE+
1.1&2.0 output, USB C/PD2.0/PD3.0 input/output, USBC PPS
output, BC1.2/Apple/Samsung; it integrate Li-battery charging
and discharging management, support battery level display, etc.
Four USB ports can work simultaneously, 2*USB A, USB B and
USB C, each port support fast charge when working alone, 5V
mode for two or more ports working state.
IP5328P are highly integrated with abundant function,
support Buck and Boost with one single inductor, along with
few peripheral devices make the total solution size minimized
and BOM cost down.
IP5328P supply up to 18W output ability using
synchronized switch boost system, efficiency is higher than 90%
for 18W output even when the battery voltage is low. If no load
detected, the system enters standby mode automatically.
IP5328P synchronized switch charging system supply up to
5.0A charging current. In control of IC and battery temperature
and input voltage loop, intelligently adjust charging current.
IP5328P integrate USB C standard, support USB C, PD2.0
and PD3.0 protocol.
IP5328P integrate 14-bit ADC, ADC data can be accessed
through I2C interface. Together with internal coulometer and
algorithm
for
accurate
battery
voltage
and
current
measurement. Battery level curve can be customized for
precise battery level display.
IP5328P support battery level display on 1/2/3/4 LED,
auto-detect display mode; support torch light; support key
function.
Customized functions: charging battery and phones at the
same time, PD15V output, charging for wearable devices.


Similar Part No. - IP5108

ManufacturerPart #DatasheetDescription
logo
Injoinic Technology Co....
IP5108 INJOINIC-IP5108 Datasheet
1Mb / 9P
Integrated 7 protocols for fast charging protocol ICs for USB ports
IP5108 INJOINIC-IP5108 Datasheet
1,002Kb / 11P
Integrated 9 protocols for fast charging protocol ICs for USB ports
IP5108 INJOINIC-IP5108 Datasheet
976Kb / 10P
Integrated 8 protocols for fast charging protocol ICs for USB ports
IP5108 INJOINIC-IP5108 Datasheet
897Kb / 11P
Integrated 10 protocols for fast charging protocol ICs for USB ports
IP5108 INJOINIC-IP5108 Datasheet
905Kb / 11P
Integrated 10 protocols for fast charging protocol ICs for USB ports
More results

Similar Description - IP5108

ManufacturerPart #DatasheetDescription
logo
Synaptics Incorporated.
CX20632 CONEXANT-CX20632 Datasheet
678Kb / 2P
Multiple input/output retaskable ports
logo
Injoinic Technology Co....
IP5328 INJOINIC-IP5328 Datasheet
2Mb / 26P
Integrated mobile power SOC with multiple input and output fast charge functions
IP2712 INJOINIC-IP2712 Datasheet
1Mb / 20P
Integrated USB TYPE -C PD2.0/ PD3.0, QC3.0/2.0/MTK High Voltage Fast Charge Protocol Power Management SOC
IP5312 INJOINIC-IP5312 Datasheet
1Mb / 17P
3A charging, 15W discharge, integrated fast charge input and output function, mobile power supply, SOC
IP5322 INJOINIC-IP5322 Datasheet
2Mb / 23P
Mobile power SOC with integrated input and output fast charge function
IP5328P INJOINIC-IP5328P Datasheet
2Mb / 27P
Mobile power SOC supporting multiple protocols such as bidirectional PD3.0 fast charging
logo
SHENZHEN FUMAN ELECTRON...
XPM6320 FUMAN-XPM6320 Datasheet
990Kb / 19P
20W fast charge and discharge fully integrated power management chip
XPM6329 FUMAN-XPM6329 Datasheet
967Kb / 18P
Multi-protocol fast charge and discharge fully integrated power management chip
logo
Injoinic Technology Co....
IP5332 INJOINIC-IP5332 Datasheet
2Mb / 24P
Support bidirectional PD3.0 fast charging and other mobile power SOC with multiple protocols
Version 0.2 2015
IP5568 INJOINIC-IP5568 Datasheet
2Mb / 42P
Support wireless charging TX/RX 、SCP、VOOC、Bi-directional PD3.0 and Fast Charge protocol Power Bank SOC
V1.31 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com