Electronic Components Datasheet Search
  English  ▼

X  

2100021 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 2100021
Description  A 70-32 - Ferrule
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2100021 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  2100021 Datasheet HTML 1Page - PHOENIX CONTACT 2100021 Datasheet HTML 2Page - PHOENIX CONTACT 2100021 Datasheet HTML 3Page - PHOENIX CONTACT 2100021 Datasheet HTML 4Page - PHOENIX CONTACT 2100021 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Ferrule, Length contact range: 32 mm, sleeve length: 32 mm, color: silver-colored
Your advantages
The insulation reliability of close connections is increased and the splicing of wires is prevented
•
Commercial data
Item number
2100021
Packing unit
100 pc
Minimum order quantity
3,500 pc
Product key
BH3412
GTIN
4067923214859
Weight per piece (excluding packing)
22.22 g
Country of origin
DE
A 70-32 - Ferrule
2100021
https://www.phoenixcontact.com/us/products/2100021
Sep 5, 2025, 12:19AM
Page 1 (5)


Similar Part No. - 2100021

ManufacturerPart #DatasheetDescription
logo
NOSHOK, INC.
210002 NOSHOK-210002 Datasheet
588Kb / 4P
Narrow Block & Bleed, Hard Seat & Soft Seat
210002-MFC NOSHOK-210002-MFC Datasheet
588Kb / 4P
Narrow Block & Bleed, Hard Seat & Soft Seat
210002-MFC-P1-T1 NOSHOK-210002-MFC-P1-T1 Datasheet
588Kb / 4P
Narrow Block & Bleed, Hard Seat & Soft Seat
210002-MFC-P1-T5 NOSHOK-210002-MFC-P1-T5 Datasheet
588Kb / 4P
Narrow Block & Bleed, Hard Seat & Soft Seat
210002-MFC-P1-T6 NOSHOK-210002-MFC-P1-T6 Datasheet
588Kb / 4P
Narrow Block & Bleed, Hard Seat & Soft Seat
More results

Similar Description - 2100021

ManufacturerPart #DatasheetDescription
logo
EPCOS
B66371 EPCOS-B66371 Datasheet
75Kb / 2P
E 70/33/32 Core
logo
PHOENIX CONTACT
3200357 PHOENIX-3200357 Datasheet
49Kb / 3P
Ferrule - A 25 -12
3200360 PHOENIX-3200360 Datasheet
46Kb / 3P
Ferrule - A 25 -15
3200386 PHOENIX-3200386 Datasheet
49Kb / 3P
Ferrule - A 25 -20
3200409 PHOENIX-3200409 Datasheet
56Kb / 2P
Ferrule - A 35 -20
3202465 PHOENIX-3202465 Datasheet
56Kb / 2P
Ferrule - A 0,25- 5
3202588 PHOENIX-3202588 Datasheet
61Kb / 3P
Ferrule - A 1,5 -12
3241239 PHOENIX-3241239 Datasheet
50Kb / 2P
Ferrule - A 35 -40
3241241 PHOENIX-3241241 Datasheet
50Kb / 2P
Ferrule - A 70 -40
3241242 PHOENIX-3241242 Datasheet
51Kb / 2P
Ferrule - A 95 -40
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com