Electronic Components Datasheet Search
  English  ▼

X  

2100021 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 2100021
Description  A 70-32 - Ferrule
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2100021 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  2100021 Datasheet HTML 1Page - PHOENIX CONTACT 2100021 Datasheet HTML 2Page - PHOENIX CONTACT 2100021 Datasheet HTML 3Page - PHOENIX CONTACT 2100021 Datasheet HTML 4Page - PHOENIX CONTACT 2100021 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Technical data
Notes
General
These ferrules are not included in DIN 46228-1: 1992-08
Product properties
Product type
Cable end sleeve
Made from soft tin-plated electrolytic copper
Correspond to the requirements of DIN 46228-1 and UL 486F in
terms of size
Product property
Long/short-term temperature: +105°C/+120°C
Connection data
Conductor connection
Conductor cross-section flexible max.
70 mm²
Conductor cross-section AWG max.
2/0
Stripping length
40 mm
Dimensions
Dimensional drawing
Sleeve length
32 mm
Length contact range
32 mm
Maximum stripping length
40 mm
Ferrule diameter
12.5 mm
Sleeve wall thickness
0.4 mm
Inner dimensions of the insulating collar
15 mm
Material specifications
Color
silver-colored
Coating
galvanically tin-plated
Surface characteristics
Tin-plated
Mechanical properties
Technical data
Sleeve length
32 mm
A 70-32 - Ferrule
2100021
https://www.phoenixcontact.com/us/products/2100021
Sep 5, 2025, 12:19AM
Page 2 (5)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com