Electronic Components Datasheet Search
  English  ▼

X  

LB324P Datasheet(PDF) 3 Page - Multicomp Pro

Part # LB324P
Description  Enclosed Switch Disconnector Boxed Isolator
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

LB324P Datasheet(HTML) 3 Page - Multicomp Pro

  LB324P Datasheet HTML 1Page - Multicomp Pro LB324P Datasheet HTML 2Page - Multicomp Pro LB324P Datasheet HTML 3Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Page <3>
V1.0
29/07/22
Enclosed Switch Disconnector
Boxed Isolator
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
sg.element14.com/b/multicomp-pro
Part Number Table
Description
Part Number
Enclosed Switch Disconnector, Boxed Isolator, 4 Pole, 20A
LB204P
Enclosed Switch Disconnector, Boxed Isolator, 4 Pole, 25A
LB254P
Enclosed Switch Disconnector, Boxed Isolator, 3 Pole, 32A
LB323P
Enclosed Switch Disconnector, Boxed Isolator, 4 Pole, 32A
LB324P
Procedure to dismantle the cover
•  Ensure the switch is in the OFF position
•  Unscrew the cover screws & remove the cover
•  For easy wiring the switch can be removed from the base & then clicked back into place once wiring is complete
•  After wiring ensure the profile orientation of the actuating spindle & knob shaft are in the same position
•  Replace the cover & take care not to overtighten the screws (recommended tightening torque 0.5Nm)
•  Do not install using power driven screwdrivers
Note: There is no need to remove the switch handle in order to remove the cover.
Switch Assemble Diagram
Important Notice : This data sheet and its contents (the “Information”) belong to the members of the AVNET group of companies (the “Group”) or are licensed to it. No licence is granted for
the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change
without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness,
any error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make
any assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or
where the Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict the Group’s liability for death or personal injury resulting from its
negligence. Multicomp Pro is the registered trademark of Premier Farnell Limited 2019.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com