Electronic Components Datasheet Search
  English  ▼

X  

LB324P Datasheet(PDF) 1 Page - Multicomp Pro

Part # LB324P
Description  Enclosed Switch Disconnector Boxed Isolator
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

LB324P Datasheet(HTML) 1 Page - Multicomp Pro

  LB324P Datasheet HTML 1Page - Multicomp Pro LB324P Datasheet HTML 2Page - Multicomp Pro LB324P Datasheet HTML 3Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Page <1>
V1.0
29/07/22
Enclosed Switch Disconnector
Boxed Isolator
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
sg.element14.com/b/multicomp-pro
Approvals
CB. CE & SEMKO
UL Standard
UL508
International / European Standard
IEC & EN 60947-1 and 3
Data
Range
Switch Codes
Units
LB204P
LB254P
LB323P
LB324P
Rated operational voltage Ue
IEC & EN
Volts
690
690
690
V
UL
Volts
600
600
600
V
Main switch: Isolating voltage up to
Volts
750
750
750
V
Rated impulse withstand voltage Uimp
Volts
6
6
6
kV
Rated uninterrupted current Iu
Amps
16
20
25
A
Rated operational current Ie
IEC & EN
AC-22A
Up to 690V
16
20
25
A
AC-21A
Up to 690V
20
25
32
A
AC-1
Up to 690V
20
25
32
A
Rated operational power AC-23A (50-60Hz)
IEC & EN
3 Phase
220 - 240V
7.5
7.5
11
kW
380 - 440V
11
11
15
kW
500 - 690V
15
15
22
kW
Rated operational power AC-3 (50-60Hz)
IEC & EN
3 Phase
220 - 240V
4
5.5
7.5
kW
440V
5.5
7.5
11
kW
690V
11
11
15
kW
UL Power Rating
DOL
3 Phase
120V
1.5
1.5
3
hp
240V
3
3
7.5
hp
480V
7.5
7.5
15
hp
600V
10
10
20
hp
1 Phase
120V
0.5
0.5
1.5
hp
240V
1.5
1.5
2
hp
Switch Specifications


Similar Part No. - LB324P

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LB324P ETC2-LB324P Datasheet
189Kb / 4P
Enclosed Isolators 3, 4, 6 and 8 Poles
logo
Europa PLC
LB324P EUROPA-LB324P Datasheet
1Mb / 2P
AC-21 Enclosed Switch Disconnectors
LB324P EUROPA-LB324P Datasheet
679Kb / 2P
Enclosed Switch Disconnectors
LB324PAL EUROPA-LB324PAL Datasheet
1Mb / 2P
Diecast Enclosed Switch Disconnectors
logo
List of Unclassifed Man...
LB324PBB ETC2-LB324PBB Datasheet
189Kb / 4P
Enclosed Isolators 3, 4, 6 and 8 Poles
More results

Similar Description - LB324P

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
VCF1GE SCHNEIDER-VCF1GE Datasheet
130Kb / 3P
TeSys Vario enclosed, emergency switch disconnector, 25A, IP65
Jul 12, 2021
VCF01GE SCHNEIDER-VCF01GE Datasheet
163Kb / 3P
TeSys Vario enclosed, emergency switch disconnector, 16A, IP65
Jul 12, 2021
VCF0GE SCHNEIDER-VCF0GE Datasheet
128Kb / 3P
TeSys Vario enclosed, emergency switch disconnector, 20A, IP65
Jul 12, 2021
VBF1GE SCHNEIDER-VBF1GE Datasheet
124Kb / 3P
TeSys Vario enclosed, main switch disconnector, 25A, IP65
Jul 12, 2021
VBF01GE SCHNEIDER-VBF01GE_V01 Datasheet
137Kb / 3P
TeSys Vario enclosed, main switch disconnector, 16A, IP65
Jun 13, 2022
VBF0GE SCHNEIDER-VBF0GE_V01 Datasheet
137Kb / 3P
TeSys Vario enclosed, main switch disconnector, 20A, IP65
Jun 13, 2022
VBF3GE SCHNEIDER-VBF3GE_V01 Datasheet
145Kb / 3P
TeSys Vario enclosed, main switch disconnector, 50A, IP65
Jun 13, 2022
VCF02GE SCHNEIDER-VCF02GE_V01 Datasheet
142Kb / 3P
TeSys Vario enclosed, emergency switch disconnector, 10A, IP65
Jun 13, 2022
VCF1GE SCHNEIDER-VCF1GE_V01 Datasheet
142Kb / 3P
TeSys Vario enclosed, emergency switch disconnector, 25A, IP65
Jun 13, 2022
VCF3GE SCHNEIDER-VCF3GE_V01 Datasheet
130Kb / 3P
TeSys Vario enclosed, emergency switch disconnector, 50A, IP65
Jun 13, 2022 1
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com