Electronic Components Datasheet Search
  English  ▼

X  

TIP2955 Datasheet(PDF) 3 Page - Multicomp Pro

Part # TIP2955
Description  Complementary Power Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

TIP2955 Datasheet(HTML) 3 Page - Multicomp Pro

  TIP2955 Datasheet HTML 1Page - Multicomp Pro TIP2955 Datasheet HTML 2Page - Multicomp Pro TIP2955 Datasheet HTML 3Page - Multicomp Pro TIP2955 Datasheet HTML 4Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Page <3>
V1.0
25/09/19
Complementary Power Transistor
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
Element14.com/multicomp-pro
There are two limitations on the power handling ability of a transistor:
average junction temperature and second breakdown safe operating
area curves indicate IC-VCE limits of the transistor that must be
observed for reliable operation i.e., the transistor must not be
subjected to greater dissipation than the curves indicate.The data of
Figure - 3 is based on TC = 150°C; TJ(PK) is variable depending on
power level. Second breakdown pulse limits are valid for duty cycles
to 10% but must be derated for temperature.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com