Electronic Components Datasheet Search
  English  ▼

X  

TIP2955 Datasheet(PDF) 1 Page - Multicomp Pro

Part # TIP2955
Description  Complementary Power Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

TIP2955 Datasheet(HTML) 1 Page - Multicomp Pro

  TIP2955 Datasheet HTML 1Page - Multicomp Pro TIP2955 Datasheet HTML 2Page - Multicomp Pro TIP2955 Datasheet HTML 3Page - Multicomp Pro TIP2955 Datasheet HTML 4Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Page <1>
V1.0
25/09/19
Complementary Power Transistor
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
Element14.com/multicomp-pro
Description:
Complementary Silicon Power Transistors are designed for use in general purpose power amplifier and
switching applications.
Features:
• Power Dissipation-PD = 90W at TC = 25°C
• • DC Current Gain hFE = 20 ~ 100 at IC = 4A
• • VCE(sat) = 1.1V (Max.) at IC = 4A, IB = 400mA
Maximum Ratings
Characteristic
Symbol
Rating
Unit
Collector-Emitter Voltage
VCEO
60
V
Collector-Emitter Voltage
VCER
70
Collector-Base Voltage
VCBO
100
Emitter-Base Voltage
VEBO
7
Collector Current-Continuous
IC
15
A
Base Current
IB
7
Total Power Dissipation at TC = 25°C
Derate above 25°C
PD
90
0.72
W
W/°C
Operating and Storage Junction Temperature Range
TJ, TSTG
-65 to +150
°C
Thermal Characteristics
Characteristic
Symbol
Max.
Unit
Thermal Resistance Junction to Case
Rθjc
1.39
°C/W


Similar Part No. - TIP2955

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
TIP2955 MOSPEC-TIP2955 Datasheet
107Kb / 3P
POWER TRANSISTORS(15A,60V,90W)
logo
Motorola, Inc
TIP2955 MOTOROLA-TIP2955 Datasheet
104Kb / 4P
POWER TRANSISTORS COMPLEMENTARY SILICON
logo
ON Semiconductor
TIP2955 ONSEMI-TIP2955 Datasheet
101Kb / 4P
POWER TRANSISTORS COMPLEMENTARY SILICON
1996 REV 1
logo
Power Innovations Ltd
TIP2955 POINN-TIP2955 Datasheet
95Kb / 6P
PNP SILICON POWER TRANSISTOR
logo
STMicroelectronics
TIP2955 STMICROELECTRONICS-TIP2955 Datasheet
45Kb / 4P
COMPLEMENTARY SILICON POWER TRANSISTORS
Aug-1999
More results

Similar Description - TIP2955

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CJD200 CENTRAL-CJD200 Datasheet
486Kb / 2P
COMPLEMENTARY SILICON POWER TRANSISTOR
CJD340 CENTRAL-CJD340 Datasheet
453Kb / 2P
COMPLEMENTARY SILICON POWER TRANSISTOR
2N6726 CENTRAL-2N6726 Datasheet
63Kb / 1P
COMPLEMENTARY SILICON POWER TRANSISTOR
CJD41C CENTRAL-CJD41C Datasheet
126Kb / 2P
COMPLEMENTARY SILICON POWER TRANSISTOR
CJD32C CENTRAL-CJD32C Datasheet
126Kb / 2P
COMPLEMENTARY SILICON POWER TRANSISTOR
logo
STMicroelectronics
BD243C STMICROELECTRONICS-BD243C Datasheet
78Kb / 8P
COMPLEMENTARY SILICON POWER TRANSISTOR
13-Sep-2005
logo
ON Semiconductor
D45C12 ONSEMI-D45C12 Datasheet
78Kb / 3P
Complementary Silicon Power Transistor
November, 2007 - Rev. 2
MJD122 ONSEMI-MJD122_11 Datasheet
136Kb / 7P
Complementary Darlington Power Transistor
March, 2011 ??Rev. 10
logo
Nell Semiconductor Co.,...
TIP31 NELLSEMI-TIP31 Datasheet
261Kb / 5P
Complementary Silicon Power Transistor
logo
ON Semiconductor
MJD128T4G ONSEMI-MJD128T4G Datasheet
92Kb / 6P
Complementary Darlington Power Transistor
January, 2016 ??Rev. 6
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com