Electronic Components Datasheet Search
  English  ▼

X  

3200823 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 3200823
Description  AI-TWIN 2X 1,5 - 8 BK - Ferrule
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

3200823 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  3200823 Datasheet HTML 1Page - PHOENIX CONTACT 3200823 Datasheet HTML 2Page - PHOENIX CONTACT 3200823 Datasheet HTML 3Page - PHOENIX CONTACT 3200823 Datasheet HTML 4Page - PHOENIX CONTACT 3200823 Datasheet HTML 5Page - PHOENIX CONTACT 3200823 Datasheet HTML 6Page - PHOENIX CONTACT 3200823 Datasheet HTML 7Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Ferrule, Length contact range: 8 mm, sleeve length: 16 mm, color: black
Your advantages
These special ferrules allow chain bridges to be set up with ease
•
The TWIN ferrules provide a practical way of crimping two conductors in one ferrule
•
Different versions of the individual TWIN ferrules can be selected for specific applications
•
Commercial data
Item number
3200823
Packing unit
100 pc
Minimum order quantity
100 pc
Sales key
BH34
Product key
BH3413
GTIN
4017918094379
Weight per piece (including packing)
0.191 g
Weight per piece (excluding packing)
0.187 g
Customs tariff number
85369010
Country of origin
DE
AI-TWIN 2X 1,5 - 8 BK - Ferrule
3200823
https://www.phoenixcontact.com/us/products/3200823
Sep 5, 2025, 1:03AM
Page 1 (7)


Similar Part No. - 3200823

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3200823 PHOENIX-3200823 Datasheet
171Kb / 2P
Ferrules With Insulating Collar for Two Wires
More results

Similar Description - 3200823

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1200107 PHOENIX-1200107 Datasheet
65Kb / 2P
Ferrule - AI 1,5-8 BK S1
1200281 PHOENIX-1200281 Datasheet
51Kb / 2P
Ferrule - AI-TWIN 2X 2,5 -16 BU
12/18/2019
1208872 PHOENIX-1208872 Datasheet
46Kb / 3P
Ferrule - AI 1,5 -10 BK-GB-1000
3201398 PHOENIX-3201398 Datasheet
101Kb / 3P
AI 1,5 - 8 BK-B
3201534 PHOENIX-3201534 Datasheet
50Kb / 2P
Ferrule - AI-TWIN 2X 1,5 -10 BK
3202892 PHOENIX-3202892 Datasheet
58Kb / 3P
Ferrule - AI 1,5 - 8 BK-GB-1000
3240545 PHOENIX-3240545 Datasheet
54Kb / 3P
Ferrule - AI-WM 1,5-8 WH
3240666 PHOENIX-3240666 Datasheet
68Kb / 3P
Ferrule - AI 1,5-8 BK-B 2500
3241125 PHOENIX-3241125 Datasheet
56Kb / 3P
Ferrule - AI 1,5 -18 RD
1200310 PHOENIX-1200310 Datasheet
57Kb / 3P
Ferrule - AI 1,5 -12 BK -1000
09/12/2020
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com