Electronic Components Datasheet Search
  English  ▼

X  

3200823 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 3200823
Description  AI-TWIN 2X 1,5 - 8 BK - Ferrule
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

3200823 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  3200823 Datasheet HTML 1Page - PHOENIX CONTACT 3200823 Datasheet HTML 2Page - PHOENIX CONTACT 3200823 Datasheet HTML 3Page - PHOENIX CONTACT 3200823 Datasheet HTML 4Page - PHOENIX CONTACT 3200823 Datasheet HTML 5Page - PHOENIX CONTACT 3200823 Datasheet HTML 6Page - PHOENIX CONTACT 3200823 Datasheet HTML 7Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Technical data
Product properties
Product type
Cable end sleeve
Conductor category
stranded conductors, class 2, 5, 6 / B, C, K, M
UL certified
Made from soft tin-plated electrolytic copper
Correspond to the requirements of UL 486F
Plastic collar made of polypropylene
Halogen-free
Product property
Long/short-term temperature: +105°C/+120°C
Connection data
Conductor connection
Conductor cross-section flexible max.
1.5 mm²
Conductor cross-section AWG max.
16
Stripping length
12 mm
Dimensions
Dimensional drawing
Sleeve length
16 mm
Length contact range
8 mm
Maximum stripping length
12 mm
Ferrule diameter
2.3 mm
Sleeve wall thickness
0.15 mm
Insulating collar thickness
0.3 mm
Inner dimensions of the insulating collar
3.6 mm
Material specifications
Color
black (RAL 9005)
Material
CU-DHP
Flammability rating according to UL 94
HB
Coating
galvanically tin-plated
Surface characteristics
Tin-plated
Components
free from silicone and halogen
Mechanical properties
Technical data
AI-TWIN 2X 1,5 - 8 BK - Ferrule
3200823
https://www.phoenixcontact.com/us/products/3200823
Sep 5, 2025, 1:03AM
Page 2 (7)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com