Electronic Components Datasheet Search
  English  ▼

X  

ETA4056S2G Datasheet(PDF) 2 Page - ETA SOLUTIONS CO. LIMITED

Part # ETA4056S2G
Description  1.2A/16V Fully Integrated Linear Charger for 1 Cell Li-ion Battery
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETA [ETA SOLUTIONS CO. LIMITED]
Direct Link  http://www.etasolution.com
Logo ETA - ETA SOLUTIONS CO. LIMITED

ETA4056S2G Datasheet(HTML) 2 Page - ETA SOLUTIONS CO. LIMITED

  ETA4056S2G Datasheet HTML 1Page - ETA SOLUTIONS CO. LIMITED ETA4056S2G Datasheet HTML 2Page - ETA SOLUTIONS CO. LIMITED ETA4056S2G Datasheet HTML 3Page - ETA SOLUTIONS CO. LIMITED ETA4056S2G Datasheet HTML 4Page - ETA SOLUTIONS CO. LIMITED ETA4056S2G Datasheet HTML 5Page - ETA SOLUTIONS CO. LIMITED ETA4056S2G Datasheet HTML 6Page - ETA SOLUTIONS CO. LIMITED ETA4056S2G Datasheet HTML 7Page - ETA SOLUTIONS CO. LIMITED ETA4056S2G Datasheet HTML 8Page - ETA SOLUTIONS CO. LIMITED ETA4056S2G Datasheet HTML 9Page - ETA SOLUTIONS CO. LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
ETA4056
www.etasolution.com
2
Empower, Transcend, Achieve!
ORDERING
INFORMATION
PART No.
PACKAGE
TOP MARK
Pcs/Reel
ETA4056E8A
ESOP8
ETA4056
YWW2L
4000
ETA4056D2I
DFN2x2-8
ELYW
3000
ETA4056D6I
DFN2x3-8
ELYW
3000
ETA4056S2G
SOT23-6
B1YW
3000
ELECTRICAL CHARACTERISTICS
(VIN = 5V, unless otherwise specified. Typical values are at TA = 25oC.)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Input Standoff Voltage
16
V
Input Over-Voltage Protection
Voltage
VIN rising, hys=0.3V
6.5
7
7.4
V
Input Voltage Range for Charging
4.25
6
V
Input Supply Current
Charge Mode
300
2000
μA
Standby Mode
(Charge Terminated)
65
100
μA
Shutdown Mode (ISET Not
Connected, EN=0,
VIN<VBAT, or VIN<VULO)
25
50
μA
Regulated Output (Float) Voltage
Riset = 10K, IBAT = 40mA
4.16
4.2
4.24
V
BAT Pin Current
Riset = 10K, Current Mode
90
100
110
mA
Riset = 2K, Current Mode
432
480
528
mA
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
1
2
3
8
7
6
NTC
ISET
GND
EN
STAT
STDBY
ESOP- 8
4
VIN
5
BAT
ETA4056
DFN2x2 - 8
1
2
3
4
8
7
6
5
ETA4056
VIN
STDBY
STAT
EN
BAT
ISET
NTC
GND
DFN 2x3 - 8
1
2
3
4
8
7
6
5
ETA4056
VIN
STDBY
STAT
EN
BAT
ISET
NTC
GND
1
2
3
6
5
4
STAT
GND
BAT
ISET
GND
VIN
ETA4056
SOT23 - 6
(Note: Exceeding these limits may damage the device. Exposure to
absolute maximum rating conditions for long periods may affect
device reliability.)
VIN Voltage .......................................–0.3V to 20V
ISET Voltage .......................................–0.3V to 6V
All other pin Voltage..........................-0.3V to 16V
Operating Temperature Range.......–40° C to 85° C
Storage Temperature Range ........–55° C to 150° C
Thermal Resistance
ΘJC
ΘJA
ESOP8 ...........................10..........50........... ° C/W
DFN2x2-8 .......................20.........100.......... ° C/W
DFN2x3-8 .......................15..........80........... ° C/W
SOT23-6 .........................22.........110.......... ° C/W
Lead Temperature (Soldering, 10sec) .........260° C
ESD HBM (Human Body Mode) .....................2KV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com