Electronic Components Datasheet Search
  English  ▼

X  

ETA4056S2G Datasheet(PDF) 4 Page - ETA SOLUTIONS CO. LIMITED

Part # ETA4056S2G
Description  1.2A/16V Fully Integrated Linear Charger for 1 Cell Li-ion Battery
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETA [ETA SOLUTIONS CO. LIMITED]
Direct Link  http://www.etasolution.com
Logo ETA - ETA SOLUTIONS CO. LIMITED

ETA4056S2G Datasheet(HTML) 4 Page - ETA SOLUTIONS CO. LIMITED

  ETA4056S2G Datasheet HTML 1Page - ETA SOLUTIONS CO. LIMITED ETA4056S2G Datasheet HTML 2Page - ETA SOLUTIONS CO. LIMITED ETA4056S2G Datasheet HTML 3Page - ETA SOLUTIONS CO. LIMITED ETA4056S2G Datasheet HTML 4Page - ETA SOLUTIONS CO. LIMITED ETA4056S2G Datasheet HTML 5Page - ETA SOLUTIONS CO. LIMITED ETA4056S2G Datasheet HTML 6Page - ETA SOLUTIONS CO. LIMITED ETA4056S2G Datasheet HTML 7Page - ETA SOLUTIONS CO. LIMITED ETA4056S2G Datasheet HTML 8Page - ETA SOLUTIONS CO. LIMITED ETA4056S2G Datasheet HTML 9Page - ETA SOLUTIONS CO. LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
ETA4056
www.etasolution.com
4
Empower, Transcend, Achieve!
PIN DESCRIPTION
ESOP8
PIN #
DFN2x2-8
PIN#
DFN2x3-8
PIN#
SOT23-6
PIN#
NAME
DESCRIPTION
1
6
6
NA
NTC
Battery Temperature Monitoring input pin. It sets the valid
temperature operating range for both battery charging and
discharging.
2
7
7
6
ISET
Program, Monitor the charge current and Shutdown. This pin
set to 1V in constant-current mode. The charge current is
programmed by connecting a 1% resistor (Rset), between
ISET, to GND pin. The charge current can be calculated
using the following formula:
IBAT=
1
Rset
×1000-(
1
3.6
×
1
Rset
×1000)
2
The ISET pin can also be used to switch the charger to
shutdown mode by disconnecting the program resistor from
ground.
3
5
5
2
GND
Ground.
4
1
1
4
VIN
Positive Input Supply. Needs to be bypassed with at least a
4.7μF capacitor.
5
8
8
3
BAT
Charge Current Output. This pin provides charge current to
the battery and regulates the final float voltage to 4.2V which
is set by an internal precision resistor divider.
6
2
2
NA
STDBY
Open-Drain Output for Charge Finished flag. The STDBY
pin outputs low when the battery is finished charging. When
in the status of charging, it becomes high-impendence.
7
3
3
1
STAT
Open-Drain Output for In Charging flag, The STAT pin
outputs low when the battery is in charging. Upon the
completion of the charge cycle, it becomes high-
impendence.
8
4
4
NA
EN
Enable the IC charger or not. Drive this pin high or floating
to enable charger, low to disable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com