Electronic Components Datasheet Search
  English  ▼

X  

TPS54672PWPR Datasheet(PDF) 7 Page - Texas Instruments

Part # TPS54672PWPR
Description  6-A OUTPUT ACTIVE BUS TERMINATION SYNCHRONOUS PWM SWITCHER WITH INTEGRATED FETs (SWIFT™)
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS54672PWPR Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS54672PWPR Datasheet HTML 3Page - Texas Instruments TPS54672PWPR Datasheet HTML 4Page - Texas Instruments TPS54672PWPR Datasheet HTML 5Page - Texas Instruments TPS54672PWPR Datasheet HTML 6Page - Texas Instruments TPS54672PWPR Datasheet HTML 7Page - Texas Instruments TPS54672PWPR Datasheet HTML 8Page - Texas Instruments TPS54672PWPR Datasheet HTML 9Page - Texas Instruments TPS54672PWPR Datasheet HTML 10Page - Texas Instruments TPS54672PWPR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
TPS54672
SLVS397C − JULY 2001 − REVISED FEBRUARY 2005
www.ti.com
7
TYPICAL CHARACTERISTICS
Figure 1
0
10
20
30
40
50
60
−40
0
25
85
125
VIN = 3.3 V
IO = 6 A
IO = 3 A
DRAIN-SOURCE
ON-STATE RESISTANCE
vs
JUNCTION TEMPERATURE
TJ − Junction Temperature − °C
Figure 2
0
10
20
30
40
50
60
−40
0
25
85
125
VIN = 5 V
IO = 6 A
IO = 3 A
DRAIN-SOURCE
ON-STATE RESISTANCE
vs
JUNCTION TEMPERATURE
TJ − Junction Temperature − °C
Figure 3
250
300
350
400
450
−40
0
25
85
125
TJ − Junction Temperature − °C
INTERNALLY SET OSCILLATOR
FREQUENCY
vs
JUNCTION TEMPERATURE
Figure 4
200
300
400
500
600
700
800
−40
0
25
85
125
TJ − Junction Temperature − °C
EXTERNALLY SET OSCILLATOR
FREQUENCY
vs
JUNCTION TEMPERATURE
Figure 5
1.240
1.245
1.250
1.255
1.260
01
23
456
TA = 85°C
REFIN = 1.25 V
IO − Output Current − A
OUTPUT VOLTAGE REGULATION
vs
OUTPUT CURRENT
Figure 6
1.247
1.248
1.249
1.251
1.252
1.253
3
3.5
4
4.5
5
5.5
6
TA = 85°C
REFIN = 1.25 V,
IO = 3 A
IO − Input Voltage − V
OUTPUT VOLTAGE REGULATION
vs
INPUT VOLTAGE
1.250
Figure 7
−20
0
20
40
60
80
100
120
140
1
100
1 k
1 M
−200
−180
−160
−140
−120
−100
−80
−60
−40
−20
0
10
10 k
100 k
10 M
f − Frequency − Hz
ERROR AMPLIFIER OPEN LOOP RESPONSE
Phase
Gain
RL = 10 kΩ,
CL = 160 pF,
TA = 25°C
Figure 8
5
6
7
8
9
−40
0
25
85
125
TJ − Junction Temperature − °C
SLOW-START TIME
vs
JUNCTION TEMPERATURE
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com